Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 17Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 18Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 19Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 20Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 21Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
VIN (V)
Hysteresis
ON
OFF
8.5
9
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
Charge-Pump Operation
The LDO has an internal charge pump which turns on or off depending on the input voltage. The charge-pump
switching circuitry does not cause conducted emissions to exceed required thresholds on the input voltage line.
The charge-pump switching thresholds are hysteretic. Figure 21 shows the typical switching thresholds for the
charge pump.
Figure 21. Charge-Pump Switching Thresholds
Table 1. Typical Quiescent Current Consumption
Charge Pump ON
Charge Pump OFF
LDO Iq
300 µA
40 µA
Low-Voltage Tracking
At low input voltages, the regulator drops out of regulation, and the output voltage tracks input minus a voltage
based on the load current (IOUT) and switch resistance (RSW). This feature allows for a smaller input capacitor
and can possibly eliminate the need to use a boost convertor during cold-crank conditions.
Power-Good Output, nRST
The nRST pin is a push-pull output. The power-on-reset output asserts low until the output voltage on LDO_OUT
exceeds the setting thresholds (91%) and the deglitch timer has expired. Additionally, whenever the EN2 pin is
low or open, nRST immediately asserts low regardless of the output voltage. If a thermal shutdown occurs due to
excessive thermal conditions, this pin also asserts low.
Thermal Shutdown
The device implements an internal thermal shutdown to protect itself if the junction temperature exceeds 170°C
(typical). The thermal shutdown forces the device to stop switching when the junction temperature exceeds the
thermal trip threshold. Once the junction temperature decreases below 160°C (typical), the device re-initiates the
power-up sequence.
Modes of Operation
The device has two hardware enable pins, and one can turn off either the buck or the LDO by pulling the enable
pin low, as listed in Table 2. One unique feature of the TPS65320-Q1 device is the input auto source of the LDO.
With both the buck and the LDO enabled, the LDO gets input from the output of the buck through the VIN_LDO
pin. In this mode, the buck output voltage must be higher than the LDO output voltage. With the buck disabled
and the LDO still enabled, the input of the LDO changes automatically from VIN_LDO to VIN. This is helpful for
standby operations which need a very low standby current, such as automotive infotainment, telematics, and so
on. The LDO changes its input when the buck output voltage is out of regulation (VFB1 is less than 91% of VREF1).
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
36-V Step-Down Converter With Eco-mode and LDO Regulator
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com