Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 17Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 18Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 19Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
R1
VO
Vref = 0.8V
COMP
R2
R3
Ro
C1
C2
FB1
Error
Amp
x
x
Inside
TPS65320-Q1
Type 2A
gmea
Co
Type 2B
Type 1
+
±
C2
R3
C1
Z _ mod
ESR
out
1
f
2
R
C
=
p ´
´
P _ mod
L
out
1
f
2
R
C
=
p ´
´
dc
ps
L
A
gm
R
=
´
Z
out
dc
C
P
s
1
2
f
V
A
V
s
1
2
f
æ
ö
+
ç
÷
p ´
è
ø
=
´
æ
ö
+
ç
÷
p ´
è
ø
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
(5)
(6)
(7)
(8)
Small-Signal Model for Frequency Compensation
The buck converter of the TPS65320-Q1 device uses a transconductance amplifier for the error amplifier.
Figure 19 shows compensation circuits. Implementation of Type 2 circuits is most likely in high-bandwidth power-
supply designs. The purpose of loop compensation is to ensure stable operation while maximizing dynamic
performance. Use of the Type 1 circuit is with power-supply designs that have high-ESR aluminum electrolytic or
tantalum capacitors. Equation 9 and Equation 10 show how to relate the frequency response of the amplifier to
the small-signal model in Figure 19. Modeling of the open-loop gain and bandwidth uses the Ro and Co shown in
Figure 19. See the Application Information section for a design example with a Type 2A network that has a low-
ESR output capacitor. For stability purposes, the target is to have a loop-gain slope that is –20 dB/decade at the
crossover frequency. Also, the crossover frequency should not exceed one-fifth of the switching frequency (120
kHz in the case of a 600-kHz switching frequency).
For dynamic purposes, the higher the bandwidth, the faster the load-transient response. A large dc gain means
high dc regulation accuracy (dc voltage changes little with load or line variations). To achieve this loop gain, set
the compensation components according to the shape of the control-output bode plot.
Equation 9 through Equation 19 serve as a reference to calculate the compensation components. Ro and C1
form the dominant pole (P1). A resistor (R3) and a capacitor (C1) in series to ground work as zero (Z1). In
addition, one can add a lower-value capacitor (C2) in parallel with R3 to work as an optional pole. This capacitor
can be used to filter noise at switching frequency, and it is also needed if the output capacitor has high ESR.
Figure 19. Types of Frequency Compensation
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com