Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 17Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 18Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
VO
gmps = 10.5 S
Cout
Resr
RL
Vc
Adc
fP
fZ
R1
VO
R2
gmea
310 S
Power Stage
gmps = 10.5 S
a
b
Cout
Resr
RL
Vref = 0.8V
COMP
R3
Ro
C1
C2
FB1
Error
Amp
x
x
Inside
TPS65320-Q1
Co
+
±
c
SW
x
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
Figure 17. Small-Signal Model for Loop Response
Simple Small-Signal Model for Peak-Current Mode Control
Figure 18 describes a simple small-signal model that one can use to understand how to design the frequency
compensation. A voltage-controlled current source (duty cycle modulator) supplying current to the output
capacitor and load resistor can approximate the TPS65320-Q1 power stage. Equation 5 shows the control-to-
output transfer function, which consists of a dc gain, one dominant pole, and one ESR zero. The quotient of the
change in switch current divided by the change in COMP pin voltage (node c in Figure 17) is the power-stage
transconductance. The gmPS for the TPS65320-Q1 is 10.5 S. The low-frequency gain of the power stage is the
product of the transconductance and the load resistance as shown in Equation 6.
As the load current increases and decreases, the low-frequency gain decreases and increases, respectively. This
variation with the load may seem problematic at first, but the dominant pole moves with the load current (see
Equation 7). The dashed line in the right half of Figure 18 highlights the combined effect. As the load current
decreases, the gain increases and the pole frequency lowers, keeping the 0-dB crossover frequency the same
for the varying load conditions, which makes it easier to design the frequency compensation. The type of output
capacitor chosen determines whether the ESR zero has a profound effect on the frequency compensation
design. Using high-ESR aluminium electrolytic capacitors may reduce the number of frequency-compensation
components needed to stabilize the overall loop because the phase margin increases from the ESR zero at the
lower frequencies (see Equation 8).
Figure 18. Simple Small-Signal Model and Frequency Response for Peak-Current Mode
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com