Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 17Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
RT/CLK
Rfset
10 pF
4 k:
50 :
Ext Clock Source
PLL
TPS65320
x
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
the internal 0.5-V voltage source, the CLK pin becomes high-impedance as the PLL starts to lock onto the
external signal. Because there is a PLL on the regulator, the switching frequency can be higher or lower than the
frequency set with the external resistor. The device transitions from the resistor mode to the PLL mode and then
increases or decreases the switching frequency until the PLL locks onto the CLK frequency within 100
microseconds.
When the device transitions from the PLL mode to the resistor mode, the switching frequency slows down from
the CLK frequency to 150 kHz, then reapplies the 0.5-V voltage, and the resistor then sets the switching
frequency. The switching-frequency divisor changes to 8, 4, 2, and 1 as the voltage ramps from 0 to 0.8 volts on
the FB1 pin. The device implements a digital frequency shift to enable synchronizing to an external clock during
normal start-up and fault conditions.
Figure 16. Synchronizing to a System Clock
Enable and Undervoltage Lockout
TPS65320-Q1 enables are high-voltage-tolerant input pins with an internal pulldown circuit. A high input activates
the device and turns the regulators ON.
TPS65320-Q1 has an internal UVLO circuit to shut down the output if the input voltage falls below an internally
fixed UVLO threshold level. This ensures that both regulators are not latched into an unknown state during low-
input-voltage conditions. The regulators power up when the input voltage exceeds the voltage level.
Overvoltage Transient Protection
The TPS65320-Q1 incorporates an overvoltage transient protection (OVTP) circuit to minimize voltage overshoot
when recovering from output fault conditions or strong unload transients on power-supply designs with low-value
output capacitance. For example, with the power-supply output overloaded, the error amplifier compares the
actual output voltage to the internal reference voltage. If the FB1 pin voltage is lower than the internal reference
voltage for a considerable time, the output of the error amplifier responds by clamping the error amplifier output
to a high voltage, thus requesting the maximum output current. On removal of the condition, the regulator output
rises and the error-amplifier output transitions to the steady-state duty cycle. In some applications, the power-
supply output voltage can respond faster than the error-amplifier output can respond; this actuality leads to the
possibility of an output overshoot. The OVTP feature minimizes the output overshoot when using a low-value
output capacitor by implementing a circuit to compare the FB1 pin voltage to the OVTP threshold (which is 109%
of the internal voltage reference). The FB1 pin voltage going higher than the OVTP threshold disables the high-
side MOSFET, preventing current from flowing to the output and minimizing output overshoot. The FB1 voltage
dropping lower than the OVTP threshold allows the high-side MOSFET to turn on at the next clock cycle.
Small-Signal Model for Loop Response
Figure 17 shows an equivalent model for the TPS65320-Q1 control loop which one can model in a circuit-
simulation program to check frequency response and dynamic load response. The error amplifier is a
transconductance amplifier with a gmea of 310 µS. One can model the error amplifier using an ideal voltage-
controlled current source. Resistor Ro and capacitor Co model the open-loop gain and frequency response of the
amplifier. The 1-mV ac voltage source between nodes a and b effectively breaks the control loop for the
frequency-response measurements. Plotting c versus a shows the small signal response of the frequency
compensation. Plotting a versus b shows the small signal response of the overall loop. Check the dynamic loop
response by replacing RL with a current source that has the appropriate load-step amplitude and step rate in a
time-domain analysis. This equivalent model is only valid for continuous-conduction-mode designs.
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com