Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
0
500
1000
1500
2000
2500
10
20
30
40
50
60
Input Voltage (V)
fsw (Max Skip)
fsw (Shift)
C012
I
LOAD = 1A
V
OUT = 3.3V
f
SW (Max Skip)
f
SW (Shift)
div
L
dc
outsc
d
SW
ON
in
L
hs
d
f
(I
R
V
V )
f
(shift)
t
(V
I
R
V )
æ
ö æ
ö
´
+
+
=
´
ç
÷ ç
÷
-
´
+
è
ø è
ø
L
dc
out
d
SW
ON
in
L
hs
d
(I
R
V
V )
1
f
(max skip)
t
(V
I
R
V )
æ
ö æ
ö
´
+
+
=
´
ç
÷ ç
÷
-
´
+
è
ø è
ø
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
Equation 4 is the maximum switching frequency limit set by the frequency-shift protection. To have adequate
output short-circuit protection at high input voltages, set the switching frequency should be set be less than the
ƒsw (maxshift) frequency. In Equation 4, to calculate the maximum switching frequency one must take into
account that the output voltage decreases from the nominal voltage to 0 volts, and the ƒdiv integer increases from
1 to 8 corresponding to the frequency shift.
In Figure 15, the solid line illustrates a typical safe operating area regarding frequency shift and assumes the
output voltage is zero volts, the resistance of the inductor is 0.130
Ω, the FET on-resistance is 0.127 Ω, and the
diode voltage drop is 0.5 V. The dashed line is the maximum switching frequency to avoid pulse skipping.
(3)
(4)
where:
IL = inductor current
RDC = inductor resistance
VIN = maximum input voltage
VOUT = output voltage
VOUTSC = output voltage during short
Vd = diode voltage drop
Rhs = FET on resistance (typ. 127 mΩ)
tON = controllable on-time (typ. 100 ns)
ƒdiv = frequency divide factor (equals 1, 2, 4 or 8)
Figure 15. Maximum Switching Frequency versus Input Voltage
How to Interface to RT/CLK Pin
One can use the RT/CLK pin to synchronize the regulator to an external system clock. To implement the
synchronization feature, connect a square wave to the RT/CLK pin through the circuit network shown in
Figure 16. The square-wave amplitude must transition lower than 0.5 V and higher than 2.2 V on the RT/CLK pin
and have an on-time greater than 40 ns and an off-time greater than 40 ns. The synchronization frequency range
is 300 kHz to 2200 kHz. The rising edge of SW is synchronizes with the falling edge of RT/CLK pin signal.
Design the external synchronization circuit n such a way that the device has the default frequency-set resistor
connected from the RT/CLK pin to ground should the synchronization signal turn off. TI recommendes using a
frequency-set resistor connected as shown in Figure 16 through a 50-
Ω resistor to ground. The resistor should
set the switching frequency close to the external CLK frequency. TI also recommends ac-coupling the
synchronization signal through a 10-pF ceramic capacitor to the RT/CLK pin and a 4-k
Ω series resistor. The
series resistor reduces SW jitter in heavy-load applications when synchronizing to an external clock, and in
applications which transition from synchronizing to RT mode. The first time CLK is pulled above the CLK
threshold, the device switches from the RT resistor frequency to PLL mode. Along with the resulting removal of
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com