Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
T
1.0888
sw
206033
R (k )
f
(kHz)
W =
ss
ss
ss
ref
T (ms) I (µA)
C (nF)
V
(V) 0.8
´
=
´
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
Slow-Start/Tracking Pin (SS/TR)
The TPS65320-Q1 effectively uses the lower voltage of the internal voltage reference or the SS/TR pin voltage
as the reference voltage of the power supply and regulates the output accordingly. A capacitor on the SS/TR pin
to ground implements a slow-start time. The TPS65320-Q1 has an internal pullup current source of 2 µA that
charges the external slow-start capacitor. Equation 1 shows the calculations for the slow start time (10% to 90%).
The voltage reference (VREF) is 0.8 V and the slow-start current (ISS) is 2 µA. The slow-start capacitor should
remain lower than 0.47
μF and greater than 0.47 nF.
(1)
At power up, the TPS65320-Q1 does not start switching until the slow-start pin discharges to less than 40 mV to
ensure a proper power up.
Also, on exceeding the VIN UVLO, pulling the EN pin below the enable threshold, or the occurrence a thermal
shutdown event during normal operation, the TPS65320-Q1 stops switching, which requires discharging the
SS/TR pin to 40 mV.
Overload Recovery Circuit
The TPS65320-Q1 has an overload recovery (OLR) circuit. The OLR circuit slow-starts the output from the
overload voltage to the nominal regulation voltage on removal of the fault condition. The OLR circuit discharges
the SS/TR pin to a voltage slightly greater than the VFB1 pin voltage using an internal pulldown of 382 µA when
the error amplifier changes to a high voltage from a fault condition. On removal of the fault condition, the output
slow-starts from the fault voltage to nominal output voltage.
Constant Switching Frequency and Timing Resistor (RT/CLK Pin)
The switching frequency of the TPS65320-Q1 is adjustable over a wide range from approximately 100 kHz to
2500 kHz by placing a resistor on the RT/CLK pin. The RT/CLK pin voltage is typically 0.5 V and must have a
resistor to ground to set the switching frequency. To determine the timing resistance for a given switching
frequency, use Equation 2 or the curves in Figure 6. To reduce the solution size, the user typically sets the
switching frequency as high as possible, but consider tradeoffs of the supply efficiency, maximum input voltage,
and minimum controllable on-time. The minimum controllable on-time is typically 100 ns and limits the maximum
operating input voltage. The frequency-shift circuit also limits the maximum switching frequency. The following
sections discuss more details of the maximum switching frequency.
(2)
Overcurrent Protection and Frequency Shift
The TPS65320-Q1 implements current mode control, which uses the COMP pin voltage to turn off the high-side
MOSFET on a cycle-by-cycle basis. During each cycle, the switch current and COMP pin voltage are compared.
When the peak switch current intersects the COMP voltage, the high-side switch turns off. During overcurrent
conditions that pull the output voltage low, the error amplifier responds by driving the COMP pin high, increasing
the switch current. Internal clamping of the error-amplifier output functions as a switch-current limit.
The TPS65320-Q1 implements a frequency shift. The switching frequency is divided by 8, 4, 2, and 1 as the
voltage ramps from 0 to 0.8 volts on the VFB1 pin. During short-circuit events (particularly with high-input-voltage
applications), the control loop has a finite minimum controllable on-time, and the output has a low voltage. During
the switch on-time, the inductor current ramps to the peak current limit because of the high input voltage and
minimum on-time. During the switch off-time, the inductor would normally not have enough off-time and output
voltage for the inductor to ramp down by the ramp-up amount. The frequency shift effectively increases the off-
time, allowing the current to ramp down.
Selecting the Switching Frequency
The switching frequency that is selected should be the lower value of the two equations, Equation 3 and
Equation 4. Equation 3 is the maximum switching frequency limitation set by the minimum controllable on-time.
Setting the switching frequency above this value causes the regulator to skip switching pulses. The device
maintains regulation, but pulse-skipping leads to high inductor current and a significant increase in output ripple
voltage.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com