Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65320QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
Because the device is not switching, the output voltage begins to decay. As the voltage control loop
compensates for the falling output voltage, the COMP pin voltage begins to rise. At this time, the high-side
MOSFET turns on and a switching pulse initiates on the next switching cycle. The peak current is set by the
COMP pin voltage. The output current recharges the output capacitor to the nominal voltage, then the peak
switch current starts to decrease, and eventually falls below the pulse-skip-mode threshold, at which time the
device enters Eco-mode again.
For pulse-skip-mode operation, the TPS65320-Q1 senses peak current, not average or load current. Therefore,
the load current where the device enters pulse-skip mode is dependent on the output inductor value. When the
load current is low and the output voltage is within regulation, the device enters a sleep mode and draws only
140-µA input quiescent current. The internal PLL remains operating when the device is in sleep mode.
Low Dropout Operation and Bootstrap Voltage (BOOT)
The TPS65320-Q1 has an integrated boot regulator and requires a small ceramic capacitor between the BOOT
and SW pins to provide the gate-drive voltage for the high-side MOSFET. The BOOT capacitor recharges when
the high-side MOSFET is off and the low-side diode conducts. The value of this ceramic capacitor should be 0.1
µF. TI recommends a ceramic capacitor with an X7R or X5R grade dielectric and a voltage rating of 10 V or
higher because of the stable characteristics over temperature and voltage.
To improve drop out, the TPS65320-Q1 operates at 100% duty cycle as long as the BOOT to SW pin voltage is
greater than 2.1 V. When the voltage from BOOT to SW drops below 2.1 V, the high-side MOSFET turns off
using a UVLO circuit, which allows the low-side diode to conduct and refresh the charge on the BOOT capacitor.
Because the supply current sourced from the BOOT capacitor is low, the high-side MOSFET can remain on for
more switching cycles than are required to refresh the capacitor, and therefore the effective duty cycle of the
switching regulator is high.
Voltage drops across the power MOSFET, inductor resistance, low-side diode, and printed circuit board
resistance are the main influence on the effective duty cycle during dropout of the regulator. During operating
conditions in which the input voltage drops and the regulator is operating in continuous conduction mode, the
high-side MOSFET can remain on for 100% of the duty cycle to maintain output regulation until the BOOT to SW
voltage falls below 2.1 V.
Pay attention in maximum-duty-cycle applications which experience extended time periods with light loads or no
load. When the voltage across the BOOT capacitor falls below the 2.1-V UVLO threshold, the high-side MOSFET
turns off, but there may not be enough inductor current to pull the SW pin down to recharge the BOOT capacitor.
The high-side MOSFET of the regulator stops switching because the voltage across the BOOT capacitor is less
than 2.1 V. The output capacitor then decays until the difference in the input voltage and output voltage is greater
than 2.1 V, which exceeds the BOOT UVLO threshold, and the device starts switching again until reaching the
desired output voltage. This operating condition persists until the input voltage and/or the load current increases.
When TPS65320-Q1 tries to turn on the high-side MOSFET continuously during the high-side off state, the
internal small low-side MOSFET turns on for a short time to charge the BOOT capacitor. Then the SW node pulls
low to recharge the BOOT capacitor for maximum-duty-cycle operation.
Error Amplifier
The buck converter of the TPS65320-Q1 has a transconductance amplifier for the error amplifier. The error
amplifier compares the VFB1 voltage to the lower of the internal soft-start (SS) voltage or the internal 0.8-V
voltage reference. The transconductance (gm) of the error amplifier is 310 µS during normal operation. During
the soft-start operation, the transconductance is a fraction of the normal operating gm. When the voltage of the
VFB1 pin is below 0.8 V and the device is regulating using internal SS voltage, the gm is 70 µS. The frequency-
compensation components (capacitor, series resistor, and capacitor) are added to the COMP pin to ground.
Voltage Reference
The voltage reference system produces a precise ±2% voltage reference over temperature by scaling the output
of a temperature stable band-gap circuit.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com