Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320QPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65320QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS65320-Q1
www.ti.com
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
40-V Step-Down Converter With Eco-mode™ Codec and LDO Regulator
Check for Samples: TPS65320-Q1
1
FEATURES
One Low-Dropout Voltage (LDO) Regulator
280-mA Current Capability with 40-µA
2
Qualified for Automotive Applications
Standby Current in Low-Load Condition
AEC-Q100 Qualified with the Following
Input Supply Auto-Source to Balance
Results:
Efficiency and Low Standby Current
Device Temperature Grade 1: –40°C to
Power-Good Output (Push-Pull)
125°C Ambient Operating Temperature
Low-Dropout Voltage of 300 mV at IOUT =
Device HBM ESD Classification Level H2
200 mA (Typical)
Device CDM ESD Classification Level C3B
Overcurrent Protection for All Regulators
One High-VIN Buck Converter
Overtemperature Protection
Input Range of 3.6 V to 40 V
14-Pin HTSSOP Package With PowerPAD™
Asynchronous Buck Converter (Internal
Package
FET)
Max Load Current 3.2 A, Output
APPLICATIONS
Adjustable 1.1 V to 20 V
Qualified for Automotive Applications
High-Duty-Cycle Operation Supported
Infotainment, Telematics
Adjustable Switch-Mode Frequency 100 kHz
TFT Cluster
to 2.5 MHz
Advanced Driver Assistant System
Less Than 140-µA Standby Current in Low-
Power Mode
DESCRIPTION
The TPS65320-Q1 power supply is a combination of a single high-voltage switch-mode asynchronous buck
power supply and an LDO regulator. This is a monolithic high-voltage switching regulator with an integrated
switch of 40 V, a power MOSFET, and a low-standby-current LDO. The device has a voltage supervisor which
monitors the outputs of the switch-mode power supply. To reduce heat, the input supply of the LDO can auto-
source from the input voltage to the output of the buck. The low-voltage tracking feature can possibly eliminate
the need to use a boost converter during cold-crank conditions.
The TPS65320-Q1 has a switching frequency range from 100 kHz to 2.5 MHz, providing customers with a
flexible design to fit their system needs. The external loop compensations allow the user to optimize the
converter response for the appropriate operating conditions. The standby current of the buck regulator is 140 µA
for low-power mode.
The device has built-in protection features such as soft start, pulse-by-pulse current limit, thermal sensing, and
shutdown due to excessive power dissipation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com