Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5320
Description  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5320_05 Datasheet HTML 8Page - Analog Devices AD5320_05 Datasheet HTML 9Page - Analog Devices AD5320_05 Datasheet HTML 10Page - Analog Devices AD5320_05 Datasheet HTML 11Page - Analog Devices AD5320_05 Datasheet HTML 12Page - Analog Devices AD5320_05 Datasheet HTML 13Page - Analog Devices AD5320_05 Datasheet HTML 14Page - Analog Devices AD5320_05 Datasheet HTML 15Page - Analog Devices AD5320_05 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5320
Rev. C | Page 12 of 20
SERIAL INTERFACE
The AD5320 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI®, QSPITM, and
MICROWIRETM interface standards as well as most DSPs. See
Figure 2 for a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 16-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making the AD5320 compatible with high speed
DSPs. On the 16th falling clock edge, the last data bit is clocked
in and the programmed function is executed (that is, a change
in DAC register contents and/or a change in the mode of
operation). At this stage, the SYNC line can be kept low or be
brought high. In either case, it must be brought high for a
minimum of 33 ns before the next write sequence so that a
falling edge of SYNC can initiate the next write sequence.
Because the SYNC buffer draws more current when VIN = 2.4 V
than it does when VIN = 0.8 V, SYNC should be idled low
between write sequences for even lower power operation of the
part. As previously mentioned, SYNC must be brought high
again just before the next write sequence.
INPUT SHIFT REGISTER
The input shift register is 16 bits wide (see Figure 25). The first two
bits are “don’t cares.” The next two are control bits that control
which mode of operation the part is in (normal mode or any one of
three power-down modes). There is a more complete description of
the various modes in the Power-Down Modes section. The next
twelve bits are the data bits. These are transferred to the DAC
register on the 16th falling edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 16 falling edges of SCLK and the DAC is updated on the
16th falling edge. However, if SYNC is brought high before the
16th falling edge, then this acts as an interrupt to the write
sequence. The shift register is reset and the write sequence is
seen as invalid. Neither an update of the DAC register contents
nor a change in the operating mode occurs (see Figure 26).
POWER-ON RESET
The AD5320 contains a power-on reset circuit that controls the
output voltage during power-up. The DAC register is filled with
zeros and the output voltage is 0 V. It remains there until a valid
write sequence is made to the DAC. This is useful in applica-
tions where it is important to know the state of the output of the
DAC while it is in the process of powering up.
DB15 (MSB)
DB0 (LSB)
X
PD0 D11 D10
D9
D8
D7
D6
D5
D4
PD1
X
D3
D2
D1
D0
DATA BITS
0
0
1
1
0
1
0
1
NORMAL OPERATION
1kΩ TO GND
100kΩ TO GND
THREE–STATE
POWER-DOWN MODES
Figure 25. Input Register Contents
DB15
DB0
DB15
SCLK
SYNC
DIN
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 16TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 16TH FALLING EDGE
DB0
Figure 26. SYNC Interrupt Facility


Similar Part No. - AD5320_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320BRM AD-AD5320BRM Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320BRT AD-AD5320BRT Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5320_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com