![]() |
Electronic Components Datasheet Search |
|
Z8523020PSG Datasheet(PDF) 9 Page - Zilog, Inc. |
|
|
Z8523020PSG Datasheet(HTML) 9 Page - Zilog, Inc. |
9 / 118 page ![]() PS005308-0609 Pin Descriptions Z80230/Z85230/L Product Specification 4 Pins Common to Both Z85230/L and Z80230 The pin descriptions for pins common to both Z85230/L and Z80230 are provided below: CTSA, CTSB (Clear To Send (Inputs, Active Low))— These pins function as transmitter enables if they are programmed for AUTO ENABLE (WR3 bit 5 is 1), in which case a Low on each input enables the respective transmitter. If not programmed as AUTO ENABLE, the pins may be used as general-purpose inputs. These pins are Schmitt-trigger buffered to accommodate slow rise-time inputs. The ESCC detects pulses on these pins and may interrupt the CPU on both logic level transitions. DCDA, DCDB (Data Carrier Detect (Inputs, Active Low))— These pins function as receiver enables if they are programmed for AUTO ENABLE (WR3 bit 5 is 1); otherwise, they are used as general-purpose input pins. The pins are Schmitt-trigger buffered to accommodate slow rise-time signals. The ESCC detects pulses on these pins and may interrupt the CPU on both logic level transitions. RTSA, RTSB (Request To Send (Outputs, Active Low))— The RTS pins can be used as general-purpose outputs or with the AUTO ENABLE feature. When AUTO-ENABLE is off, these pins follow the inverse state of WR5 bit 1. When used with the AUTO- ENABLE feature in ASYNCHRONOUS mode, this pin immediately goes Low when WR5 bit 1 is 1. When WR5 bit 0 is 0, this pin remains Low until the transmitter is empty. In Synchronous Data Link Control (SDLC) mode, the RTS pins can be programmed to be deasserted when the closing flag of the message clears the TxD pin, if WR7’ bit 2 is 1, WR10 bit 2 is 0, and WR5 bit 1 is 0. SYNCA, SYNCB (Synchronization (Inputs Or Outputs, Active Low))— These pins can act either as inputs, outputs, or as part of the crystal oscillator circuit. In the ASYNCHRO- NOUS RECEIVE mode (crystal oscillator option not selected), these pins are inputs simi- lar to CTS and DCD. In this mode, transition on these lines affect the state of the SYNC/ HUNT status bits in Read Register 0 but have no other function. In EXTERNAL SYNCHRONIZATION mode, with the crystal oscillator not selected, these lines also act as inputs. In this mode, SYNC is driven Low, two Rx clock cycles after the last bit of the SYNC character is received. Character assembly begins on the rising edge of the receive clock immediately preceding the activation of SYNC. In the INTERNAL SYNCHRONIZATION mode (MONOSYNC and BISYNC) with the crystal oscillator not selected, these pins act as outputs. These outputs go Low each time a SYNC pattern is recognized, regardless of character boundaries. In SDLC mode, pins switch from input to output when MONOSYNC, BISYNC, or SDLC is programmed in WR4 and SYNC modes are enabled. DTR/REQA, DTR/REQB (Data Terminal Ready/Request (Output, Active Low))— These pins can be programmed (WR14 bit 2) to serve either as general-purpose outputs or as DMA Request lines. When programmed for DTR function (WR14 bit 2 is 0), these out- puts follow the inverse of the DTR bit of Write Register 5 (WR5 bit 7). When pro- grammed for REQUEST mode these pins serve as DMA Requests for the transmitter. |
Similar Part No. - Z8523020PSG |
|
Similar Description - Z8523020PSG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |