Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232-ACWE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX232-ACWE
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232-ACWE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX232-ACWE Datasheet HTML 9Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 10Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 11Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 12Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 13Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 14Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 15Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 16Page - Maxim Integrated Products MAX232-ACWE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
TA1–TA4
TB1–TB4
RA1–RA4
RB1–RB4
0
0
0
0
Normal Operation
All Active
All Active
All Active
All Active
0
0
0
1
Normal Operation
All Active
All Active
All Active
All High-Z, except
RB5 stays active on
MAX247
0
0
1
0
Normal Operation
All Active
All Active
All High-Z
All Active
0
0
1
1
Normal Operation
All Active
All Active
All High-Z
All High-Z, except
RB5 stays active on
MAX247
0
1
0
0
Normal Operation
All Active
All High-Z
All Active
All Active
0
1
0
1
Normal Operation
All Active
All High-Z
All Active
All High-Z, except
RB5 stays active on
MAX247
0
1
1
0
Normal Operation
All Active
All High-Z
All High-Z
All Active
0
1
1
1
Normal Operation
All Active
All High-Z
All High-Z
All High-Z, except
RB5 stays active on
MAX247
1
0
0
0
Normal Operation
All High-Z
All Active
All Active
All Active
1
0
0
1
Normal Operation
All High-Z
All Active
All Active
All High-Z, except
RB5 stays active on
MAX247
1
0
1
0
Normal Operation
All High-Z
All Active
All High-Z
All Active
1
0
1
1
Normal Operation
All High-Z
All Active
All High-Z
All High-Z, except
RB5 stays active on
MAX247
1
1
0
0
Shutdown
All High-Z
All High-Z
Low-Power
Receive Mode
Low-Power
Receive Mode
1
1
0
1
Shutdown
All High-Z
All High-Z
Low-Power
Receive Mode
All High-Z, except
RB5 stays active on
MAX247
1
1
1
0
Shutdown
All High-Z
All High-Z
All High-Z
Low-Power
Receive Mode
1
1
1
1
Shutdown
All High-Z
All High-Z
All High-Z
All High-Z, except
RB5 stays active on
MAX247
Table 1d. MAX247/MAX248/MAX249 Control Pin Configurations
MAX248
OPERATION
STATUS
ENRB
MAX247
TA1–TA4
TB1–TB4
RA1–RA4
RB1–RB5
TRANSMITTERS
ENRA
ENTB
ENTA
MAX249
TA1–TA3
TB1–TB3
RA1–RA5
RB1–RB5
RECEIVERS
Maxim Integrated
13
MAX220–MAX249
MAX220–MAX249


Similar Part No. - MAX232-ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX232-ACWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com