Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC27M4BCDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4BCDR
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4BCDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC27M4BCDR Datasheet HTML 9Page - Texas Instruments TLC27M4BCDR Datasheet HTML 10Page - Texas Instruments TLC27M4BCDR Datasheet HTML 11Page - Texas Instruments TLC27M4BCDR Datasheet HTML 12Page - Texas Instruments TLC27M4BCDR Datasheet HTML 13Page - Texas Instruments TLC27M4BCDR Datasheet HTML 14Page - Texas Instruments TLC27M4BCDR Datasheet HTML 15Page - Texas Instruments TLC27M4BCDR Datasheet HTML 16Page - Texas Instruments TLC27M4BCDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS093C – OCTOBER 1987 – REVISED MAY 1999
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC27M4C
TLC27M4AC
TLC27M4BC
TLC27M9C
UNIT
MIN
TYP
MAX
25
°C
0.43
VIPP = 1 V
0
°C
0.46
SR
Slew rate at unity gain
RL = 100 Ω,
CL 20 pF
70
°C
0.36
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
0.40
V/
µs
See Figure 1
VIPP = 2.5 V
0
°C
0.43
70
°C
0.34
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω
25
°C
32
nV/
√Hz
VV
C20 F
25
°C
55
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ
CL = 20 pF,
See Figure 1
0
°C
60
kHz
RL = 100 kΩ,
See Figure 1
70
°C
50
V10
V
C20 F
25
°C
525
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
0
°C
610
kHz
See Figure 3
70
°C
400
V10
V
fB
25
°C
40
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 3
0
°C
41
°
CL = 20 F,
See Figure 3
70
°C
39
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC27M4C
TLC27M4AC
TLC27M4BC
TLC27M9C
UNIT
MIN
TYP
MAX
25
°C
0.62
VIPP = 1 V
0
°C
0.67
SR
Slew rate at unity gain
RL = 100 Ω,
CL 20 pF
70
°C
0.51
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
0.56
V/
µs
See Figure 1
VIPP = 5.5 V
0
°C
0.61
70
°C
0.46
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
32
nV/
√Hz
VV
C20 F
25
°C
35
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ
CL = 20 pF,
See Figure 1
0
°C
40
kHz
RL = 100 kΩ,
See Figure 1
70
°C
30
V10
V
C20 F
25
°C
635
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
0
°C
710
kHz
See Figure 3
70
°C
510
V10
V
fB
25
°C
43
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 3
0
°C
44
°
CL = 20 F,
See Figure 3
70
°C
42
°


Similar Part No. - TLC27M4BCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
1Mb / 52P
PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI-TLC27M4BCDR Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI-TLC27M4BCDR Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDRG4 TI1-TLC27M4BCDRG4 Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M4BCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC254 TI-TLC254 Datasheet
315Kb / 21P
LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com