Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC27M4BCDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4BCDR
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M4BCDR Datasheet(HTML) 1 Page - Texas Instruments

  TLC27M4BCDR Datasheet HTML 1Page - Texas Instruments TLC27M4BCDR Datasheet HTML 2Page - Texas Instruments TLC27M4BCDR Datasheet HTML 3Page - Texas Instruments TLC27M4BCDR Datasheet HTML 4Page - Texas Instruments TLC27M4BCDR Datasheet HTML 5Page - Texas Instruments TLC27M4BCDR Datasheet HTML 6Page - Texas Instruments TLC27M4BCDR Datasheet HTML 7Page - Texas Instruments TLC27M4BCDR Datasheet HTML 8Page - Texas Instruments TLC27M4BCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS093C – OCTOBER 1987 – REVISED MAY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC27M9... 900
µV Max at TA = 25°C,
VDD = 5 V
D Input Offset Voltage Drift...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
D Low Noise...Typically 32 nV/√Hz
at f = 1 kHz
D Low Power...Typically 2.1 mW at
TA =25°C, VDD = 5 V
D Output Voltage Range Includes Negative
Rail
D High Input Impedance...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The TLC27M4 and TLC27M9 quad operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input
impedance,
low
noise,
and
speeds
comparable to that of general-purpose bipolar
devices.These devices use Texas Instruments
silicon-gate
LinCMOS
™ technology, which
provides offset voltage stability far exceeding the
stability available with conventional metal-gate
processes.
The extremely high input impedance, low bias
currents, make these cost-effective devices ideal
for applications that have previously been
reserved for general-purpose bipolar products,
but with only a fraction of the power consumption.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
600
0
– 600
1200
– 1200
N Package
TA = 25°C
VDD = 5 V
301 Units Tested From 2 Wafer Lots
VIO – Input Offset Voltage – µV
DISTRIBUTION OF TLC27M9
INPUT OFFSET VOLTAGE
40
35
30
25
20
15
10
5
0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
GND
3IN +
3IN –
3OUT
D, J, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
GND
NC
3IN +
1IN +
NC
VDD
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC – No internal connection
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC27M4BCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
1Mb / 52P
PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI-TLC27M4BCDR Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI-TLC27M4BCDR Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDRG4 TI1-TLC27M4BCDRG4 Datasheet
1Mb / 50P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M4BCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC254 TI-TLC254 Datasheet
315Kb / 21P
LinCMOSE QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com