Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M33QDCYRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # UA78M33QDCYRQ1
Description  POSITIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M33QDCYRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  UA78M33QDCYRQ1 Datasheet HTML 1Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 2Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 3Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 4Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 5Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 6Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 7Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 8Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
uA78Mxx-Q1 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS537B − JUNE 2004 − REVISED SEPTEMBER 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 8 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
µA78M33Q
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ot
t
lt
IO = 5 mA to 350 mA,
3.2
3.3
3.4
V
Output voltage
IO = 5 mA to 350 mA,
VI = 8 V to 20 V
TJ = −40°C to 125°C
3.1
3.3
3.5
V
Input voltage regulation
I
200 mA
VI = 5.3 V to 25 V
9
100
mV
Input voltage regulation
IO = 200 mA
VI = 8 V to 25 V
3
50
mV
Ripple rejection
VI = 8 V to 18 V,
IO = 100 mA, TJ = −40°C to 125°C
62
dB
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
IO = 300 mA
62
80
dB
Output voltage regulation
VI = 8 V,
IO = 5 mA to 500 mA
20
100
mV
Temperature coefficient of output voltage
IO = 5 mA,
TJ = −40°C to 125°C
−1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
Bias current change
IO = 200 mA,
TJ = −40°C to 125°C
VI = 8 V to 25 V,
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = −40°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
300
mA
Peak output current
700
mA
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
electrical characteristics at specified virtual junction temperature, VI = 10 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
µA78M05Q
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
O tp t oltage
IO = 5 mA to 350 mA,
4.8
5
5.2
V
Output voltage
IO = 5 mA to 350 mA,
VI = 7 V to 20 V
TJ = −40°C to 125°C
4.75
5.25
V
Input voltage regulation
I
200 mA
VI = 7 V to 25 V
3
100
mV
Input voltage regulation
IO = 200 mA
VI = 8 V to 25 V
1
50
mV
Ripple rejection
VI = 8 V to 18 V,
IO = 100 mA, TJ = −40°C to 125°C
62
dB
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
IO = 300 mA
62
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
20
100
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
50
mV
Temperature coefficient of output voltage
IO = 5 mA,
TJ = −40°C to 125°C
−1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
Bias current change
IO = 200 mA,
TJ = −40°C to 125°C
VI = 8 V to 25 V,
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = −40°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
300
mA
Peak output current
0.7
A
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.


Similar Part No. - UA78M33QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M33QDCYRQ1 TI1-UA78M33QDCYRQ1 Datasheet
758Kb / 13P
POSITIVE-VOLTAGE REGULATORS
UA78M33QDCYRQ1 TI1-UA78M33QDCYRQ1 Datasheet
733Kb / 12P
POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M33QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com