Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M33QDCYRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # UA78M33QDCYRQ1
Description  POSITIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M33QDCYRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  UA78M33QDCYRQ1 Datasheet HTML 1Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 2Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 3Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 4Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 5Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 6Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 7Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 8Page - Texas Instruments UA78M33QDCYRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
uA78Mxx-Q1 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS537B − JUNE 2004 − REVISED SEPTEMBER 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over virtual junction temperature range (unless otherwise noted)
Input voltage, VI
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
package thermal data (see Note 1)
PACKAGE
BOARD
θJC
θJA
PowerFLEX (KTP)
High K, JESD 51-5
19
°C/W
28
°C/W
SOT-223 (DCY)
High K, JESD 51-7
4
°C/W
53
°C/W
NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
recommended operating conditions
MIN
MAX
UNIT
µA78M33
5.3
25
µA78M05
7
25
µA78M06
8
25
VI
Input voltage
µA78M08
10.5
25
V
VI
Input voltage
µA78M09
11.5
26
V
µA78M10
12.5
28
µA78M12
14.5
30
IO
Output current
500
mA
TJ
Operating virtual junction temperature
−40
125
°C


Similar Part No. - UA78M33QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M33QDCYRQ1 TI1-UA78M33QDCYRQ1 Datasheet
758Kb / 13P
POSITIVE-VOLTAGE REGULATORS
UA78M33QDCYRQ1 TI1-UA78M33QDCYRQ1 Datasheet
733Kb / 12P
POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M33QDCYRQ1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com