Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-F408 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-F408
Description  10 mm (0.40 inch) Seven Segment Displays Single and dual digits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-F408 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-F408 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-F408 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Package Dimensions


Similar Part No. - HDSP-F408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F408-00000 HP-HDSP-F408-00000 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-F408-00016 HP-HDSP-F408-00016 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
More results

Similar Description - HDSP-F408

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
10 mm (0.40 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com