Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0344
Description  3 Gbps HD/SD SDI Adaptive Cable Equalizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0344 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0344 Datasheet HTML 3Page - Texas Instruments LMH0344 Datasheet HTML 4Page - Texas Instruments LMH0344 Datasheet HTML 5Page - Texas Instruments LMH0344 Datasheet HTML 6Page - Texas Instruments LMH0344 Datasheet HTML 7Page - Texas Instruments LMH0344 Datasheet HTML 8Page - Texas Instruments LMH0344 Datasheet HTML 9Page - Texas Instruments LMH0344 Datasheet HTML 10Page - Texas Instruments LMH0344 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LMH0344
www.ti.com
SNLS233L – APRIL 2007 – REVISED APRIL 2013
DEVICE OPERATION
BLOCK DESCRIPTION
The Equalizer Filter block is a multi-stage adaptive filter. If Bypass is high, the equalizer filter is disabled.
The DC Restoration / Level Control block receives the differential signals from the equalizer filter block. This
block incorporates a self-biasing DC restoration circuit to fully DC restore the signals. If Bypass is high, this
function is disabled.
The signals before and after the DC Restoration / Level Control block are used to generate the Automatic
Equalization Control (AEC) signal. This control signal sets the gain and bandwidth of the equalizer filter. The
loop response in the AEC block is controlled by an external 1µF capacitor placed across the AEC+ and AEC-
pins.
The Carrier Detect / Mute block generates the carrier detect signal and controls the mute function of the output.
This block utilizes the CD and MUTE signals along with Mute Reference (MUTEREF).
The Output Driver produces SDO and SDO.
MUTE REFERENCE (MUTEREF)
The mute reference sets the threshold for CD and (with CD tied to MUTE) determines the amount of cable to
equalize before automatically muting the outputs. This is set by applying a voltage inversely proportional to the
length of cable to equalize. The applied voltage must be greater than the MUTEREF floating voltage (typically
1.3V) in order to change the CD threshold. As the applied MUTEREF voltage is increased, the amount of cable
that can be equalized before carrier detect is de-asserted and the outputs are muted is decreased. MUTEREF
may be left unconnected or connected to ground for maximum equalization before muting.
CARRIER DETECT (CD) AND MUTE
Carrier detect CD indicates if a valid signal is present at the LMH0344 input. If MUTEREF is used, the carrier
detect threshold will be altered accordingly. CD provides a high voltage when no signal is present at the
LMH0344 input. CD is low when a valid input signal is detected.
MUTE can be used to manually mute or enable SDO and SDO. Applying a high input to MUTE will mute the
LMH0344 outputs by forcing the output to a logic zero. Applying a low input will force the outputs to be active.
CD and MUTE may be tied together to automatically mute the output when no input signal is present.
INPUT INTERFACING
The LMH0344 accepts either differential or single-ended input. The input must be AC coupled. Transformer
coupling is not supported.
The LMH0344 correctly handles equalizer pathological signals for standard definition and high definition serial
digital video, as described in SMPTE RP 178 and RP 198, respectively.
OUTPUT INTERFACING
The SDO and SDO outputs are internally loaded with 50
Ω. They produce a 750 mVP-P differential output, or a
375 mVP-P single-ended output.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0344


Similar Part No. - LMH0344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com