Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0344 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0344
Description  3 Gbps HD/SD SDI Adaptive Cable Equalizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0344 Datasheet(HTML) 5 Page - Texas Instruments

  LMH0344 Datasheet HTML 1Page - Texas Instruments LMH0344 Datasheet HTML 2Page - Texas Instruments LMH0344 Datasheet HTML 3Page - Texas Instruments LMH0344 Datasheet HTML 4Page - Texas Instruments LMH0344 Datasheet HTML 5Page - Texas Instruments LMH0344 Datasheet HTML 6Page - Texas Instruments LMH0344 Datasheet HTML 7Page - Texas Instruments LMH0344 Datasheet HTML 8Page - Texas Instruments LMH0344 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VEE
BYPASS
CD
MUTE
E1
D1
C1
B1
A1
VCC
VEE
SDI
NC
E2
D2
C2
B2
A2
VCC
NC
VEE
AEC+
E3
D3
C3
B3
A3
NC
AEC-
VCC
E4
D4
C4
B4
A4
NC
VCC
VEE
NC
MUTEREF
E5
D5
C5
B5
A5
NC
NC
SDO
SDO
A
B
C
D
E
1
2
3
4
5
LMH0344GR
(top view)
SDI
1
4
3
2
LMH0344SQ
(top view)
12
9
10
11
8
5
6
7
13
16
15
14
VEE
VEE
SDI
SDI
SDO
SDO
VEE
VEE
LMH0344
www.ti.com
SNLS233L – APRIL 2007 – REVISED APRIL 2013
CONNECTION DIAGRAM
The exposed die attach pad is a negative electrical terminal for this device. It should be connected to the negative
power supply voltage.
Figure 3. 16-Pin WQFN
See Package Number RUM
Figure 4. 25-Ball CS-BGA
See Package Number NYA
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0344


Similar Part No. - LMH0344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com