Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34152PG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34152PG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152PG Datasheet(HTML) 3 Page - ON Semiconductor

  MC34152PG Datasheet HTML 1Page - ON Semiconductor MC34152PG Datasheet HTML 2Page - ON Semiconductor MC34152PG Datasheet HTML 3Page - ON Semiconductor MC34152PG Datasheet HTML 4Page - ON Semiconductor MC34152PG Datasheet HTML 5Page - ON Semiconductor MC34152PG Datasheet HTML 6Page - ON Semiconductor MC34152PG Datasheet HTML 7Page - ON Semiconductor MC34152PG Datasheet HTML 8Page - ON Semiconductor MC34152PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25°C, for min/max values TA is the operating ambient
temperature range that applies [Note 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
Input Threshold Voltage
Output Transition High−to−Low State
Output Transition Low−to−High State
VIH
VIL
0.8
1.75
1.58
2.6
V
Input Current
High State (VIH = 2.6 V)
Low State (VIL = 0.8 V)
IIH
IIL
100
20
300
100
mA
DRIVE OUTPUT
Output Voltage
Low State (Isink = 10 mA)
Low State (Isink = 50 mA)
Low State (Isink = 400 mA)
High State (Isource = 10 mA)
High State (Isource = 50 mA)
High State (Isource = 400 mA)
VOL
VOH
10.5
10.4
10
0.8
1.1
1.8
11.2
11.1
10.8
1.2
1.5
2.5
V
Output Pull−Down Resistor
RPD
100
kW
SWITCHING CHARACTERISTICS (TA = 25°C)
Propagation Delay (CL = 1.0 nF)
Logic Input to:
Drive Output Rise (10% Input to 10% Output)
Drive Output Fall (90% Input to 90% Output)
tPLH (IN/OUT)
tPHL (IN/OUT)
55
40
120
120
ns
Drive Output Rise Time (10% to 90%)
CL = 1.0 nF
Drive Output Rise Time (10% to 90%)
CL = 2.5 nF
tr
14
36
30
ns
Drive Output Fall Time (90% to 10%)
CL = 1.0 nF
Drive Output Fall Time (90% to 10%)
CL = 2.5 nF
tf
15
32
30
ns
TOTAL DEVICE
Power Supply Current
Standby (Logic Inputs Grounded)
Operating (CL = 1.0 nF Drive Outputs 1 and 2, f = 100 kHz)
ICC
6.0
10.5
8.0
15
mA
Operating Voltage
VCC
6.1
18
V
UNDERVOLTAGE LOCKOUT
Startup Threshold
Vth
5.8
6.1
V
Minimum Operating Voltage After Turn−On (VCC)
VCC(min)
5.3
V
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34152, −40°C for MC33152, −40°C for MC33152V
Thigh = +70°C for MC34152, +85°C for MC33152, +125°C for MC33152V
NCV33152: Tlow = −40°C, Thigh = +125°C. Guaranteed by design.


Similar Part No. - MC34152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC34152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com