Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34152PG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC34152PG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152PG Datasheet(HTML) 2 Page - ON Semiconductor

  MC34152PG Datasheet HTML 1Page - ON Semiconductor MC34152PG Datasheet HTML 2Page - ON Semiconductor MC34152PG Datasheet HTML 3Page - ON Semiconductor MC34152PG Datasheet HTML 4Page - ON Semiconductor MC34152PG Datasheet HTML 5Page - ON Semiconductor MC34152PG Datasheet HTML 6Page - ON Semiconductor MC34152PG Datasheet HTML 7Page - ON Semiconductor MC34152PG Datasheet HTML 8Page - ON Semiconductor MC34152PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Logic Inputs (Note 1)
Vin
−0.3 to +VCC
V
Drive Outputs (Note 2)
Totem Pole Sink or Source Current
Diode Clamp Current (Drive Output to VCC)
IO
IO(clamp)
1.5
1.0
A
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package Case 751
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
P Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
0.56
180
1.0
100
W
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34152
Operating Ambient Temperature
MC33152
Operating Ambient Temperature
MC33152V, NCV33152
TA
0 to +70
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
ESD
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. For optimum switching speed, the maximum input voltage should be limited to 10 V or VCC, whichever is less.
2. Maximum package power dissipation limits must be observed.


Similar Part No. - MC34152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC34152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com