Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34152PG Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34152PG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152PG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34152PG Datasheet HTML 4Page - ON Semiconductor MC34152PG Datasheet HTML 5Page - ON Semiconductor MC34152PG Datasheet HTML 6Page - ON Semiconductor MC34152PG Datasheet HTML 7Page - ON Semiconductor MC34152PG Datasheet HTML 8Page - ON Semiconductor MC34152PG Datasheet HTML 9Page - ON Semiconductor MC34152PG Datasheet HTML 10Page - ON Semiconductor MC34152PG Datasheet HTML 11Page - ON Semiconductor MC34152PG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
11
PACKAGE DIMENSIONS
PDIP−8
P SUFFIX
CASE 626−05
ISSUE M
14
5
8
F
NOTE 5
D
e
b
L
A1
A
E3
E
A
TOP VIEW
C SEATING
PLANE
0.010
CA
SIDE VIEW
END VIEW
END VIEW
NOTE 3
DIM
MIN
NOM
MAX
INCHES
A
−−−−
−−−− 0.210
A1 0.015
−−−−
−−−−
b
0.014
0.018
0.022
C
0.008
0.010
0.014
D
0.355
0.365
0.400
D1 0.005
−−−−
−−−−
e
0.100 BSC
E
0.300
0.310
0.325
L
0.115
0.130
0.150
−−−−
−−−−
5.33
0.38
−−−−
−−−−
0.35
0.46
0.56
0.20
0.25
0.36
9.02
9.27
10.02
0.13
−−−−
−−−−
2.54 BSC
7.62
7.87
8.26
2.92
3.30
3.81
MIN
NOM
MAX
MILLIMETERS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION E IS MEASURED WITH THE LEADS RE-
STRAINED PARALLEL AT WIDTH E2.
4. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
E1
0.240
0.250
0.280
6.10
6.35
7.11
E2
E3
−−−−
−−−− 0.430
−−−−
−−−− 10.92
0.300 BSC
7.62 BSC
E1
D1
M
8X
e/2
E2
c


Similar Part No. - MC34152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC34152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com