Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34152PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC34152PG
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152PG Datasheet(HTML) 5 Page - ON Semiconductor

  MC34152PG Datasheet HTML 1Page - ON Semiconductor MC34152PG Datasheet HTML 2Page - ON Semiconductor MC34152PG Datasheet HTML 3Page - ON Semiconductor MC34152PG Datasheet HTML 4Page - ON Semiconductor MC34152PG Datasheet HTML 5Page - ON Semiconductor MC34152PG Datasheet HTML 6Page - ON Semiconductor MC34152PG Datasheet HTML 7Page - ON Semiconductor MC34152PG Datasheet HTML 8Page - ON Semiconductor MC34152PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
5
Figure 8. Drive Output Clamp Voltage
versus Clamp Current
3.0
2.0
1.0
0
0
-1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IO, OUTPUT CLAMP CURRENT (A)
VCC
GND
High State Clamp (Drive
Output Driven Above VCC)
120 Hz Rate
TA = 25°C
VCC = 12 V
80
ms Pulsed Load
Low State Clamp (Drive
Output Driven Below Ground)
1.9
Figure 9. Drive Output Saturation Voltage
versus Load Current
Figure 10. Drive Output Saturation Voltage
versus Temperature
0
-1.0
-2.0
-3.0
3.0
2.0
1.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IO, OUTPUT CLAMP CURRENT (A)
VCC
GND
Source Saturation
(Load to Ground)
Sink Saturation
(Load to VCC)
0
-0.5
-0.7
-0.9
-1.1
1.7
1.5
1.0
0.8
0.6
0
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Source Saturation
(Load to Ground)
Isink = 400 mA
Sink Saturation
(Load to VCC)
Isource = 10 mA
Isource = 400 mA
VCC
GND
Isink = 10 mA
VCC = 12 V
120 Hz Rate
TA = 25°C
VCC = 12 V
80
ms Pulsed Load
Figure 11. Drive Output Rise Time
Figure 12. Drive Output Fall Time
10 ns/DIV
10 ns/DIV
90% -
10% -
90% -
10% -
VCC = 12 V
Vin = 0 V to 5.0 V
CL = 1.0 nF
TA = 25°C
VCC = 12 V
Vin = 0 V to 5.0 V
CL = 1.0 nF
TA = 25°C


Similar Part No. - MC34152PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC34152PG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com