Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA138 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA138 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA138_11 Datasheet HTML 1Page - Burr-Brown (TI) INA138_11 Datasheet HTML 2Page - Burr-Brown (TI) INA138_11 Datasheet HTML 3Page - Burr-Brown (TI) INA138_11 Datasheet HTML 4Page - Burr-Brown (TI) INA138_11 Datasheet HTML 5Page - Burr-Brown (TI) INA138_11 Datasheet HTML 6Page - Burr-Brown (TI) INA138_11 Datasheet HTML 7Page - Burr-Brown (TI) INA138_11 Datasheet HTML 8Page - Burr-Brown (TI) INA138_11 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INA138, INA168
3
SBOS122C
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
All other characteristics at TA = +25°C, VS = 5V, VIN+ = 12V, and ROUT = 125kΩ, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Full-Scale Sense Voltage
VSENSE = VIN+ – VIN–
100
500
✽✽
mV
Common-Mode Input Range
2.7
36
60
V
Common-Mode Rejection
VIN+ = 2.7V to 40V, VSENSE = 50mV
100
120
dB
VIN+ = 2.7V to 60V, VSENSE = 50mV
100
120
dB
Offset Voltage(1)
±0.2
±1
✽✽
mV
Over Temperature
±2
mV
vs Temperature
1
µV/°C
vs Power Supply, V+
V– = 2.7V to 40V, VSENSE = 50mV
0.1
10
µV/V
V– = 2.7V to 60V, VSENSE = 50mV
0.1
10
µV/V
Input Bias Current
2
µA
vs Temperature
10
µA
OUTPUT
Transconductance
TA = +25°C, VSENSE = 10mV – 150mV
198
200
202
✽✽
µA/V
Over Temperature
196
204
✽✽
µA/V
vs Temperature
VSENSE = 100mV
10
nA/
°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01
±0.1
✽✽
%
Total Output Error
VSENSE = 100mV
±0.5
±2
✽✽
%
Over Temperature
±2.5
%
Output Impedance
1 || 5
G
Ω || pF
Voltage Output
Swing to Power Supply, V+
(V+) – 0.8 (V+) – 1.0
✽✽
V
Swing to Common Mode, VCM
VCM – 0.5 VCM – 0.8
✽✽
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 5kΩ
800
kHz
ROUT = 125kΩ
32
kHz
Settling Time (0.1%)
5V Step, ROUT = 5kΩ
1.8
µs
5V Step, ROUT = 125kΩ
30
µs
NOISE
Output-Current Noise Density
9
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
3
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
36
60
V
Quiescent Current
TA = +25°C, VSENSE = 0, IO = 0
25
45
✽✽
µA
Over Temperature
60
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
125
✽✽
°C
Operating
–55
150
✽✽
°C
Storage
–65
150
✽✽
°C
Thermal Resistance
θ
JA
200
°C/W
✽ specification same as INA138NA
NOTE: (1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.
INA138NA
INA168NA


Similar Part No. - INA138_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA138 TI-INA138_15 Datasheet
1Mb / 27P
[Old version datasheet]   INA1x8 High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA138_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com