Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7130-2 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT7130-2
Description  30mA Low Power LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130-2 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT7130-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Rev. 1.00
14
April 10, 2013
HT71xx-2
5-pin SOT23-5 Outline Dimensions
D
H
E
e
A2
b
A1
A
C
L
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.039
0.051
A1
0.004
A2
0.028
0.035
b
0.014
0.020
C
0.004
0.010
D
0.106
0.122
E
0.055
0.071
e
0.075
H
0.102
0.118
L
0.015
θ
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.00
1.30
A1
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90
H
2.60
3.0
L
0.37
θ


Similar Part No. - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
   30mA Voltage Regulator
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7130-3 HOLTEK-HT7130-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
More results

Similar Description - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com