Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7130-2 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7130-2
Description  30mA Low Power LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130-2 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7130-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 1.00
10
April 10, 2013
HT71xx-2
Circuit for Increasing Output Voltage
Co mm on
Co mm on
Si ngl e po in t GN D
GN D
R1
R2
V IN
V OU T
V IN
V OU T
V XX
I SS
C1
10 m F
C2
10 m F
HT 71xx -2
Se ri es
VOUT=VXX(1+R2/R1)+ISS×R2
Circuit for Increasing Output Voltage
Co mm on
Co mm on
Si ng le p oi nt G ND
GN D
D1
R1
V XX
V IN
V OU T
V IN
V OU T
I SS
C1
10 m F
C2
10 m F
HT 71xx -2
Se ri es
VOUT=VXX+VD1
Constant Current Regulator
Co mm on
GN D
V XX
I SS
V IN
V OU T
R A
V IN
I OU T
R L
C1
10 m F
C2
10 m F
HT 71xx -2
Se ri es
IOUT=VXX/RA+ISS
Dual Supply
GN D
IC 1
GN D
IC 2
Co mm on
Co mm on
V IN
V OU T
V IN
V OU T
V IN
V OU T1
V OU T2
R1
C1
10 m F
C2
10 m F
C3
10 m F
HT 71xx -2
Se ri es
HT 71xx -2
Se ri es


Similar Part No. - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
   30mA Voltage Regulator
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7130-3 HOLTEK-HT7130-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
More results

Similar Description - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com