Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7130-2 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7130-2
Description  30mA Low Power LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130-2 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7130-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7130-2 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Rev. 1.00
8
April 10, 2013
HT71xx-2
Typical Performance Characteristics
TestCondition:Vin=Vout+2V,IOUT=10mA,TJ=25°C,unlessotherwisenoted
Output Voltage vs Input Voltage
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
5
10
15
20
25
30
Input Voltage (V)
HT7133-2
Iout=10mA
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
6
10
14
18
22
26
30
Input Voltage (V)
HT7150-2
Iout=10mA
Quiescent current (Iout=0mA) vs Temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (OC)
HT7133-2
Vin=5.3V
Vin=30V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (OC)
HT7150-2
Vin=7V
Vin=30V
Output Voltage vs Temperature (Vin=Vout+2V)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature (OC)
HT7133-2
Iout=10mA
Iout=30mA
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7150-2
Iout=10mA
Iout=30mA
Output Voltage vs Temperature
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7133-2
Vin=5.3V
Vin=30V
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7150-2
Vin=7V
Vin=30V


Similar Part No. - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
   30mA Voltage Regulator
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7130-3 HOLTEK-HT7130-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
More results

Similar Description - HT7130-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com