Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7125-2 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT7125-2
Description  30mA Low Power LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7125-2 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT7125-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7125-2 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Rev. 1.00
12
April 10, 2013
HT71xx-2
3-pin TO92 Outline Dimensions
)
*
+
-
.
/
0
,
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.170
0.200
B
0.170
0.200
C
0.500
D
0.011
0.020
E
0.090
0.110
F
0.045
0.055
G
0.045
0.065
H
0.130
0.160
α
10°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.32
5.08
B
4.32
5.08
C
12.70
D
0.28
0.51
E
2.29
2.79
F
1.14
1.40
G
1.14
1.65
H
3.30
4.06
α
10°


Similar Part No. - HT7125-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7125-1 HOLTEK-HT7125-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7125-3 HOLTEK-HT7125-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
More results

Similar Description - HT7125-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
Low Power Consumption LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
30mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
100mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
30mA Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
100mA Low Power LDO
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
300mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com