Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMMX/NOPB
Description  Timing from Microseconds through Hours
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM555CMMX/NOPB Datasheet HTML 3Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM555
www.ti.com
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
APPLICATIONS INFORMATION
MONOSTABLE OPERATION
In this mode of operation, the timer functions as a one-shot (Figure 12). The external capacitor is initially held
discharged by a transistor inside the timer. Upon application of a negative trigger pulse of less than 1/3 VCC to
pin 2, the flip-flop is set which both releases the short circuit across the capacitor and drives the output high.
Figure 12. Monostable
The voltage across the capacitor then increases exponentially for a period of t = 1.1 RA C, at the end of which
time the voltage equals 2/3 VCC. The comparator then resets the flip-flop which in turn discharges the capacitor
and drives the output to its low state. Figure 13 shows the waveforms generated in this mode of operation. Since
the charge and the threshold level of the comparator are both directly proportional to supply voltage, the timing
interval is independent of supply.
VCC = 5V
Top Trace: Input 5V/Div.
TIME = 0.1 ms/DIV.
Middle Trace: Output 5V/Div.
RA = 9.1kΩ
Bottom Trace: Capacitor Voltage 2V/Div.
C = 0.01
μF
Figure 13. Monostable Waveforms
During the timing cycle when the output is high, the further application of a trigger pulse will not effect the circuit
so long as the trigger input is returned high at least 10
μs before the end of the timing interval. However the circuit
can be reset during this time by the application of a negative pulse to the reset terminal (pin 4). The output will
then remain in the low state until a trigger pulse is again applied.
When the reset function is not in use, it is recommended that it be connected to VCC to avoid any possibility of
false triggering.
Figure 14 is a nomograph for easy determination of R, C values for various time delays.
NOTE
In monostable operation, the trigger should be driven high before the end of timing cycle.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM555


Similar Part No. - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMMX/NOPB TI1-LM555CMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Similar Description - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555_V01 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
NA555S-13 DIODES-NA555S-13 Datasheet
729Kb / 14P
   Timing from microseconds to hours
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
   Timing from microseconds to hours
logo
Guangdong Youtai Semico...
SA555DR UMW-SA555DR Datasheet
526Kb / 18P
   Timing From Microseconds to Hours
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
   16 standard time ranges from 5 seconds to 60 hours
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
   Hours and Minutes Setting
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com