Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 11Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 12Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 13Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM555
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Figure 19. Pulse Width Modulator
VCC = 5V
Top Trace: Modulation 1V/Div.
TIME = 0.2 ms/DIV.
Bottom Trace: Output Voltage 2V/Div.
RA = 9.1kΩ
C = 0.01
μF
Figure 20. Pulse Width Modulator
PULSE POSITION MODULATOR
This application uses the timer connected for astable operation, as in Figure 21, with a modulating signal again
applied to the control voltage terminal. The pulse position varies with the modulating signal, since the threshold
voltage and hence the time delay is varied. Figure 22 shows the waveforms generated for a triangle wave
modulation signal.
Figure 21. Pulse Position Modulator
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM555


Similar Part No. - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMM/NOPB TI1-LM555CMM/NOPB Datasheet
1Mb / 25P
Timer
More results

Similar Description - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
16 standard time ranges from 5 seconds to 60 hours
logo
Diodes Incorporated
NA555S-13 DIODES-NA555S-13 Datasheet
729Kb / 14P
Timing from microseconds to hours
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
Hours and Minutes Setting
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
General Purpose 1000 hours
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
Extended Life, 3000 hours
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
Timing from microseconds to hours
logo
Diodes Incorporated
NE555 DIODES-NE555_V01 Datasheet
674Kb / 14P
Timing from microseconds to hours
February 2021
logo
Guangdong Youtai Semico...
SA555DR UMW-SA555DR Datasheet
526Kb / 18P
Timing From Microseconds to Hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com