Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM555CMM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 11Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 12Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM555
www.ti.com
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
The charge time (output high) is given by:
t1 = 0.693 (RA + RB) C
(1)
And the discharge time (output low) by:
t2 = 0.693 (RB) C
(2)
Thus the total period is:
T = t1 + t2 = 0.693 (RA +2RB) C
(3)
The frequency of oscillation is:
(4)
Figure 17 may be used for quick determination of these RC values.
The duty cycle is:
(5)
Figure 17. Free Running Frequency
FREQUENCY DIVIDER
The monostable circuit of Figure 12 can be used as a frequency divider by adjusting the length of the timing
cycle. Figure 18 shows the waveforms generated in a divide by three circuit.
VCC = 5V
Top Trace: Input 4V/Div.
TIME = 20
μs/DIV.
Middle Trace: Output 2V/Div.
RA = 9.1kΩ
Bottom Trace: Capacitor 2V/Div.
C = 0.01
μF
Figure 18. Frequency Divider
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and triggered with a continuous pulse train, the output
pulse width can be modulated by a signal applied to pin 5. Figure 19 shows the circuit, and in Figure 20 are
some waveform examples.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM555


Similar Part No. - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMM/NOPB TI1-LM555CMM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Similar Description - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555_V01 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
NA555S-13 DIODES-NA555S-13 Datasheet
729Kb / 14P
   Timing from microseconds to hours
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
   Timing from microseconds to hours
logo
Guangdong Youtai Semico...
SA555DR UMW-SA555DR Datasheet
526Kb / 18P
   Timing From Microseconds to Hours
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
   16 standard time ranges from 5 seconds to 60 hours
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
   Hours and Minutes Setting
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com