Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM555CMM/NOPB Datasheet HTML 1Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 2Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 3Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM555
www.ti.com
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
LM555 Timer
Check for Samples: LM555
1
FEATURES
DESCRIPTION
The LM555 is a highly stable device for generating
2
Direct Replacement for SE555/NE555
accurate
time
delays
or
oscillation.
Additional
Timing from Microseconds through Hours
terminals are provided for triggering or resetting if
Operates in Both Astable and Monostable
desired. In the time delay mode of operation, the time
Modes
is precisely controlled by one external resistor and
capacitor. For astable operation as an oscillator, the
Adjustable Duty Cycle
free running frequency and duty cycle are accurately
Output Can Source or Sink 200 mA
controlled
with
two
external
resistors
and
one
Output and Supply TTL Compatible
capacitor. The circuit may be triggered and reset on
falling waveforms, and the output circuit can source
Temperature Stability Better than 0.005% per
or sink up to 200mA or drive TTL circuits.
°C
Normally On and Normally Off Output
Available in 8-pin VSSOP Package
APPLICATIONS
Precision Timing
Pulse Generation
Sequential Timing
Time Delay Generation
Pulse Width Modulation
Pulse Position Modulation
Linear Ramp Generator
Schematic Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMM/NOPB TI1-LM555CMM/NOPB Datasheet
1Mb / 25P
Timer
More results

Similar Description - LM555CMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555_V01 Datasheet
674Kb / 14P
Timing from microseconds to hours
February 2021
NA555S-13 DIODES-NA555S-13 Datasheet
729Kb / 14P
Timing from microseconds to hours
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
Timing from microseconds to hours
logo
Guangdong Youtai Semico...
SA555DR UMW-SA555DR Datasheet
526Kb / 18P
Timing From Microseconds to Hours
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
16 standard time ranges from 5 seconds to 60 hours
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
General Purpose 1000 hours
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
Hours and Minutes Setting
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
Extended Life, 3000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com