Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9432 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices AD9432_09 Datasheet HTML 10Page - Analog Devices AD9432_09 Datasheet HTML 11Page - Analog Devices AD9432_09 Datasheet HTML 12Page - Analog Devices AD9432_09 Datasheet HTML 13Page - Analog Devices AD9432_09 Datasheet HTML 14Page - Analog Devices AD9432_09 Datasheet HTML 15Page - Analog Devices AD9432_09 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD9432
Rev. F | Page 15 of 16
APPLICATIONS INFORMATION
USING THE AD8138 TO DRIVE THE AD9432
The AD8138 differential output op amp can be used to drive the
AD9432 in dc-coupled applications. The AD8138 was specifically
designed for ADC driver applications. Superior SNR performance
is maintained up to analog frequencies of 30 MHz. The AD8138
op amp provides single-ended-to-differential conversion, which
allows for a low cost alternative to transformer coupling for ac
applications, as well.
The circuit in Figure 29 was breadboarded, and the measured
performance is shown in Figure 30 and Figure 31. These figures
are for ±5 V supplies at the AD8138; with a single 5 V supply at
the AD8138, performance dropped by about 1 dB to 2 dB.
Figure 30 shows SNR and SINAD for a −1 dBFS analog input
frequency varied from 2 MHz to 40 MHz with an encode rate
of 105 MSPS. The measurements are for nominal conditions
at room temperature. Figure 31 shows the second-order and
third-order harmonic distortion performance under the same
conditions.
The dc common-mode voltage for the AD8138 outputs can be
adjusted via the VOCM input to provide the 3 V common-mode
voltage that the AD9432 inputs require.
AD8138
AD9432
10pF
0.1µF
25Ω
500Ω
500Ω
50Ω
50Ω
50Ω
2kΩ
3kΩ
5V
500Ω
VIN
AIN
AIN
VOCM
10pF
500Ω
22pF
Figure 29. AD8138/AD9432 Schematic
AIN (MHz)
020
40
62
63
64
65
66
61
60
60
SNR
SINAD
Figure 30. Measured SNR and SINAD (Encode = 105 MSPS)
AIN (MHz)
020
40
–90
–80
60
–70
–100
H2
H3
Figure 31. Measured Second-Order and Third-Order Harmonic Distortion
(Encode = 105 MSPS)


Similar Part No. - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432/PCB AD-AD9432/PCB Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9432/PCB AD-AD9432/PCB Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-80 AD-AD9432BSQ-80 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
More results

Similar Description - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com