Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9432 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 4 Page - Analog Devices

  AD9432_09 Datasheet HTML 1Page - Analog Devices AD9432_09 Datasheet HTML 2Page - Analog Devices AD9432_09 Datasheet HTML 3Page - Analog Devices AD9432_09 Datasheet HTML 4Page - Analog Devices AD9432_09 Datasheet HTML 5Page - Analog Devices AD9432_09 Datasheet HTML 6Page - Analog Devices AD9432_09 Datasheet HTML 7Page - Analog Devices AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD9432
Rev. F | Page 4 of 16
Parameter
Temp
Test
80 MSPS
105 MSPS
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Power Dissipation3
Full
VI
790
1000
850
1100
mW
IVCC
Full
VI
158
200
170
220
mA
IVDD
Full
VI
9.5
12.2
12.5
16
mA
Power Supply Rejection Ratio
(PSRR)
25°C
I
−5
+0.5
+5
−5
+0.5
+5
mV/V
DYNAMIC PERFORMANCE4
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10 MHz
25°C
I
65.5
67.5
65.5
67.5
dB
fIN = 40 MHz
25°C
I
65
67.2
67.2
dB
fIN = 49 MHz
25°C
I
67.0
64
67.0
dB
fIN = 70 MHz
25°C
V
66.1
66.1
dB
Signal-to-Noise and Distortion
(SINAD) Ratio (with Harmonics)
fIN = 10 MHz
25°C
I
65
67.2
65
67.2
dB
fIN = 40 MHz
25°C
I
64.5
66.9
66.9
dB
fIN = 49 MHz
25°C
I
66.7
63
66.7
dB
fIN = 70 MHz
25°C
V
65.8
65.8
dB
Effective Number of Bits (ENOB)
fIN = 10 MHz
25°C
V
11.0
11.0
Bits
fIN = 40 MHz
25°C
V
10.9
10.9
Bits
fIN = 49 MHz
25°C
V
10.9
10.9
Bits
fIN = 70 MHz
25°C
V
10.7
10.7
Bits
Second-Order and Third-Order
Harmonic Distortion
fIN = 10 MHz
25°C
I
−75
−85
−75
−85
dBc
fIN = 40 MHz
25°C
I
−73
−85
−83
dBc
fIN = 49 MHz
25°C
I
−83
−72
−80
dBc
fIN = 70 MHz
25°C
V
−80
−78
dBc
Worst Other Harmonic or Spur
(Excluding Second-Order and
Third-Order Harmonics)
fIN = 10 MHz
25°C
I
−80
−90
−80
−90
dBc
fIN = 40 MHz
25°C
I
−80
−90
−90
dBc
fIN = 49 MHz
25°C
I
−90
−80
−90
dBc
fIN = 70 MHz
25°C
V
−90
−90
dBc
Two-Tone Intermodulation
Distortion (IMD)
fIN1 = 29.3 MHz; fIN2 = 30.3 MHz
25°C
V
−75
−75
dBc
fIN1 = 70.3 MHz; fIN2 = 71.3 MHz
25°C
V
−66
−66
dBc
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input).
2 tV and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital output swing. The digital output load during testing is not
to exceed an ac load of 10 pF or a dc current of ±40 μA. Rise and fall times are measured from 10% to 90%.
3 Power dissipation measured with encode at rated speed and a dc analog input (outputs static, IVDD = 0).
4 SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 2 V full-scale input range.


Similar Part No. - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432/PCB AD-AD9432/PCB Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9432/PCB AD-AD9432/PCB Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-80 AD-AD9432BSQ-80 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
More results

Similar Description - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com