Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1601 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1601_13 Datasheet HTML 11Page - Microchip Technology MCP1601_13 Datasheet HTML 12Page - Microchip Technology MCP1601_13 Datasheet HTML 13Page - Microchip Technology MCP1601_13 Datasheet HTML 14Page - Microchip Technology MCP1601_13 Datasheet HTML 15Page - Microchip Technology MCP1601_13 Datasheet HTML 16Page - Microchip Technology MCP1601_13 Datasheet HTML 17Page - Microchip Technology MCP1601_13 Datasheet HTML 18Page - Microchip Technology MCP1601_13 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2003-2013 Microchip Technology Inc.
DS21762B-page 15
MCP1601
TABLE 5-4:
INDUCTOR SUPPLIERS
5.5
Efficiency
Efficiency will be affected by the external component
selection and the specific operating conditions for the
application. In Section 2.0, “Typical Performance
Curves”, there are curves plotted using typical induc-
tors that can be used to estimate the converter
efficiency for 1.2V, 1.8V and 3.3V.
5.6
Printed Circuit Board Layout
The MCP1601 is capable of switching over 500 mA at
750 kHz. As with all high-frequency, switch mode,
power supplies, a good board layout is essential to pre-
venting the noise generated by the power train switch-
ing from interfering with the sensing circuitry. The
MCP1601 has not demonstrated a sensitivity to layout,
but good design practice will prevent undesired results.
FIGURE 5-2:
Component Placement.
When designing a board layout for the MCP1601, the
first thing to consider is the physical placement of the
external components. In Figure 5-2, SM0805 10 µF
ceramic capacitors are used for CIN and COUT. The
SM0603 package is used for R1, R2 and C1. The induc-
tor used is the Coilcraft® LPO2506 series low profile
(0.047” high). The board outline in this example is 1” x
1”. CIN, L and COUT are positioned around the
MCP1601 to make the high current paths as short as
possible.
Supplier
L
Type
Area (mm)
Height
(mm)
DC
Resistance
Max.
Current
Series
Sumida®
10 µH
Unshielded
4.1 mm x 3.8 mm
3.0 mm
230 M
0.76A
C32
Sumida®
10 µH
Shielded
4.0 mm x 4.0 mm
1.8 mm
160 M
0.66A
CDRH3D16
Sumida®
10 µH
Shielded
5.7 mm x 5.7 mm
3.0 mm
65 M
1.3A
CDRH5D28
CT*
10 µH
Shielded
7.3 mm x 7.3 mm
3.5 mm
70 M
1.7A
CTCDRH73
Coilcraft®
10 µH
Shielded
6.6 mm x 4.5 mm
3.0 mm
75 M
1.0A
DS1608
Coilcraft®
15 µH
Shielded
6.6 mm x 4.5 mm
3.0 mm
90 M
0.8A
DS1608
Coilcraft®
22 µH
Shielded
6.6 mm x 4.5 mm
3.0 mm
110 M
0.7A
DS1608
Coilcraft®
10 µH
Unshielded
Wafer
6.0 mm x 5.4 mm
1.3 mm
300 M
0.60A
LPO6013
Coilcraft®
15 µH
Unshielded
Wafer
6.0 mm x 5.4 mm
1.3 mm
380 M
0.55A
LPO6013
Taiyo
Yuden™
10 µH
Shielded
5.0 mm x 5.0 mm
2.0 mm
66 M
0.7A
NP04SB100M
Note:
CT* = Central Technologies
MCP1601
C
IN
C
OUT
R
1
C
1
R
2
P
GND
P
GND
A
GND
A
GND
SILK


Similar Part No. - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results

Similar Description - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com