Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1601 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1601_13 Datasheet HTML 1Page - Microchip Technology MCP1601_13 Datasheet HTML 2Page - Microchip Technology MCP1601_13 Datasheet HTML 3Page - Microchip Technology MCP1601_13 Datasheet HTML 4Page - Microchip Technology MCP1601_13 Datasheet HTML 5Page - Microchip Technology MCP1601_13 Datasheet HTML 6Page - Microchip Technology MCP1601_13 Datasheet HTML 7Page - Microchip Technology MCP1601_13 Datasheet HTML 8Page - Microchip Technology MCP1601_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2003-2013 Microchip Technology Inc.
DS21762B-page 3
MCP1601
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN - AGND ......................................................................6.0V
SHDN, FB, SYNC/PWM, VOUT ..... (AGND-0.3V) to (VIN+0.3V)
LX to PGND................................................ -0.3V to (VIN+0.3V)
PGND to AGND .................................................. -0.3V to +0.3V
Output Short Circuit Current .................................continuous
Storage temperature .....................................-65°C to +150°C
Ambient Temp. with Power Applied ................-40°C to +85°C
Operating Junction Temperature...................-40°C to +125°C
ESD protection on all pins
4kV
† Notice: Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
NAME
FUNCTION
VIN
Input Source Voltage
SHDN
Device Shutdown Pin
FB
Output Voltage Feedback Input
AGND
Analog Ground
VOUT
Sensed Output Voltage
SYNC/PWM
Synchronous Clock input or PWM/
PFM select
PGND
Power Ground
LX
Output Inductor Node
ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, VIN=4.2V, VOUT=1.8V, ILOAD = 10 mA, TA=-40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Input Requirements
Voltage
VIN
2.7
5.5
V
ILOAD = 0 mA to 500 mA
Shutdown Current
I(VIN)
0.05
1.0
µA
Shutdown Mode (SHDN = GND)
PFM Mode Current
I(VIN)
119
180
µA
SYNC/PWM = GND, PFM Mode
(ILOAD = 0 mA)
Oscillator Section
Internal Oscillator Frequency
FOSC
650
750
850
kHz
SYNC/PWM = VIN
External Oscillator Capture Range
FSYNC
850
1000
kHz
FSYNC > FOSC
External Oscillator Duty Cycle
FSYN-FALL
10
90
%
FSYNC = 1 MHz
Internal Power Switches
RDSon P-CHANNEL
RDSon-P
500
m
IP=100 mA, TA=+25°C, VIN=4.2V
RDSon N-CHANNEL
RDSon-N
500
m
IN=100 mA, TA=+25°C, VIN =4.2V
Dropout Voltage
VDROPOUT
250
mV
VOUT = 2.7V, ILOAD = 300 mA,
TA=+25°C, VDROPOUT=97%VOUT
Pin Leakage Current
ILX
-1.0
1.0
µA
SHDN = 0V, VIN = 5.5V, LX = 0V, LX =
5.5V
Output PWM Mode
Peak Current Limit
IPEAK-PWM
1.0
A
PWM Mode, SYNC/PWM = VIN, TA =
+25°C
Output Voltage
Output Voltage Range
VOUT
0.9
VIN
V
Reference Feedback Voltage
VFB
0.78
0.8
0.82
V
Feedback Input Bias Current
IVFB
—0.1
nA
Line Regulation
VLINE-REG
—0.1
%/V
VIN=2.7V to 5.5V, ILOAD=10 mA
Load Regulation
VLOAD-REG
—1.5
%
VIN = 3.6V,
ILOAD = 0 mA to 300 mA
Start-Up Time
TSTART
0.5
ms
PWM Mode, SYNC/PWM=VIN


Similar Part No. - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
More results

Similar Description - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com