Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008J70BFI020 Datasheet(PDF) 16 Page - SPANSION

Part # S29AL008J70BFI020
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008J70BFI020 Datasheet(HTML) 16 Page - SPANSION

Back Button S29AL008J70BFI020 Datasheet HTML 12Page - SPANSION S29AL008J70BFI020 Datasheet HTML 13Page - SPANSION S29AL008J70BFI020 Datasheet HTML 14Page - SPANSION S29AL008J70BFI020 Datasheet HTML 15Page - SPANSION S29AL008J70BFI020 Datasheet HTML 16Page - SPANSION S29AL008J70BFI020 Datasheet HTML 17Page - SPANSION S29AL008J70BFI020 Datasheet HTML 18Page - SPANSION S29AL008J70BFI020 Datasheet HTML 19Page - SPANSION S29AL008J70BFI020 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
16
S29AL008J
S29AL008J_00_11 April 12, 2012
Da ta
Sh e e t
7.8
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high
impedance state.
Note
Address range is A18:A-1 in byte mode and A19:A0 in word mode. See Word/Byte Configuration on page 13.
Table 7.2 S29AL008J Top Boot Block Sector Addresses
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA8
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA9
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA10
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA11
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA12
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA13
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA14
1
1
1
0
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA15
1
1
1
1
0
X
X
32/16
F0000h–F7FFFh
78000h–7BFFFh
SA16
1
1
11100
8/4
F8000h–F9FFFh
7C000h–7CFFFh
SA17
1
1
11101
8/4
FA000h–FBFFFh
7D000h–7DFFFh
SA18
1
1
1111
X
16/8
FC000h–FFFFFh
7E000h–7FFFFh
Table 7.3 Secured Silicon Sector Addresses (Top Boot)
Sector Size (bytes/words)
x8 Address Range
x16 Address Range
256/128
FFF00h–FFFFFh
7FF80h–7FFFFh


Similar Part No. - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com