Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008J70BFI020 Datasheet(PDF) 12 Page - SPANSION

Part # S29AL008J70BFI020
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008J70BFI020 Datasheet(HTML) 12 Page - SPANSION

Back Button S29AL008J70BFI020 Datasheet HTML 8Page - SPANSION S29AL008J70BFI020 Datasheet HTML 9Page - SPANSION S29AL008J70BFI020 Datasheet HTML 10Page - SPANSION S29AL008J70BFI020 Datasheet HTML 11Page - SPANSION S29AL008J70BFI020 Datasheet HTML 12Page - SPANSION S29AL008J70BFI020 Datasheet HTML 13Page - SPANSION S29AL008J70BFI020 Datasheet HTML 14Page - SPANSION S29AL008J70BFI020 Datasheet HTML 15Page - SPANSION S29AL008J70BFI020 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
12
S29AL008J
S29AL008J_00_11 April 12, 2012
Da ta
Sh e e t
6.
Ordering Information
6.1
S29AL008J Standard Products
Spansion standard products are available in several packages and operating ranges. The order number
(Valid Combination) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. Type 1 is standard. Specify other options as required.
3. TSOP package markings omit packing type designator from ordering part number.
4. BGA package marking omits leading S29 and packing type designator from ordering part number.
S29AL008J
70
T
F
I
01
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number
01 = VCC = 2.7-3.6V, top boot sector device (CFI Support)
02 = VCC = 2.7-3.6V, bottom boot sector device (CFI Support)
03 = VCC = 2.7-3.6V, top boot sector device (No CFI Support)
04 = VCC = 2.7-3.6V, bottom boot sector device (No CFI Support)
R1 = VCC = 3.0-3.6V, top boot sector device (CFI Support)
R2 = VCC = 3.0-3.6V, bottom boot sector device (CFI Support)
Temperature Range
I
= Industrial (-40°C to +85°C)
N = Extended (-40°C to +125°C)
Package Material Set
F
= Pb-Free
H = Low-Halogen, Pb-Free
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
Speed Option
55 = 55 ns Access Speed
70 = 70 ns Access Speed
Device Number/Description
S29AL008J
8 Megabit Flash Memory manufactured using 110 nm process technology
3.0 Volt-only Read, Program, and Erase
S29AL008J Valid Combination
Package Description
Device Number
Speed
Option
Package Type, Material, and
Temperature Range
Model
Number
PackingType
S29AL008J
55
TFI, TFN
R1, R2
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA
70
TFI, TFN
01, 02
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA
TFI
03, 04
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFN, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA


Similar Part No. - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com