Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL008J70BFI020 Datasheet(PDF) 3 Page - SPANSION

Part # S29AL008J70BFI020
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008J70BFI020 Datasheet(HTML) 3 Page - SPANSION

  S29AL008J70BFI020 Datasheet HTML 1Page - SPANSION S29AL008J70BFI020 Datasheet HTML 2Page - SPANSION S29AL008J70BFI020 Datasheet HTML 3Page - SPANSION S29AL008J70BFI020 Datasheet HTML 4Page - SPANSION S29AL008J70BFI020 Datasheet HTML 5Page - SPANSION S29AL008J70BFI020 Datasheet HTML 6Page - SPANSION S29AL008J70BFI020 Datasheet HTML 7Page - SPANSION S29AL008J70BFI020 Datasheet HTML 8Page - SPANSION S29AL008J70BFI020 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient pro-
duction volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the valid com-
binations offered may occur.
Publication Number S29AL008J_00
Revision 11
Issue Date April 12, 2012
Distinctive Characteristics
Architectural Advantages
 Single Power Supply Operation
– Full voltage range: 2.7 to 3.6 volt read and write operations for
battery-powered applications
 Manufactured on 110 nm Process Technology
– Fully compatible with 200 nm S29AL008D
 Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure identification
through an 8-word/16-byte random Electronic Serial Number
accessible through a command sequence
– May be programmed and locked at the factory or by the customer
 Flexible Sector Architecture
– One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte
sectors (byte mode)
– One 8 Kword, two 4 Kword, one 16 Kword, and fifteen 32 Kword
sectors (word mode)
 Sector Group Protection Features
– A hardware method of locking a sector to prevent any program or
erase operations within that sector
– Sectors can be locked in-system or via programming equipment
– Temporary Sector Unprotect feature allows code changes in
previously locked sectors
 Unlock Bypass Program Command
– Reduces overall programming time when issuing multiple program
command sequences
 Top or Bottom Boot Block Configurations Available
 Compatibility with JEDEC standards
– Pinout and software compatible with single-power supply Flash
– Superior inadvertent write protection
Performance Characteristics
 High Performance
– Access times as fast as 55 ns
– Extended temperature range (–40°C to +125°C)
 Ultra Low Power Consumption (typical values at 5 MHz)
– 0.2 µA Automatic Sleep mode current
– 0.2 µA standby mode current
– 7 mA read current
– 20 mA program/erase current
 Cycling Endurance: 1,000,000 cycles per sector typical
 Data Retention: 20 years typical
Package Options
 48-ball Fine-pitch BGA
 48-pin TSOP
Software Features
 CFI (Common Flash Interface) Compliant
– Provides device-specific information to the system, allowing host
software to easily reconfigure for different Flash devices
 Erase Suspend/Erase Resume
– Suspends an erase operation to read data from, or program data to,
a sector that is not being erased, then resumes the erase operation
 Data# Polling and Toggle Bits
– Provides a software method of detecting program or erase operation
completion
Hardware Features
 Ready/Busy# Pin (RY/BY#)
– Provides a hardware method of detecting program or erase cycle
completion
 Hardware Reset Pin (RESET#)
– Hardware method to reset the device to reading array data
 WP# input pin
– For boot sector devices: at VIL, protects first or last 16 Kbyte sector
depending on boot configuration (top boot or bottom boot)
S29AL008J
8 Megabit (1 M x 8-Bit/512 K x 16-Bit)
CMOS 3.0 Volt-only Boot Sector Flash Memory
Data Sheet


Similar Part No. - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008J70BFI020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com