Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA92 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPSA92
Description  High Voltage Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA92 Datasheet(HTML) 2 Page - Motorola, Inc

  MPSA92 Datasheet HTML 1Page - Motorola, Inc MPSA92 Datasheet HTML 2Page - Motorola, Inc MPSA92 Datasheet HTML 3Page - Motorola, Inc MPSA92 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA92 MPSA93
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –1.0 mAdc, VCE = –10 Vdc)
Both Types
(IC = –10 mAdc, VCE = –10 Vdc)
Both Types
(IC = –30 mAdc, VCE = –10 Vdc)
MPSA92
MPSA93
hFE
25
40
25
25
Collector – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
MPSA92
MPSA93
VCE(sat)
–0.5
–0.4
Vdc
Base–Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VBE(sat)
–0.9
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
50
MHz
Collector–Base Capacitance
(VCB = –20 Vdc, IE = 0, f = 1.0 MHz)
MPSA92
MPSA93
Ccb
6.0
8.0
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - MPSA92

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
NXP Semiconductors
MPSA92 PHILIPS-MPSA92 Datasheet
41Kb / 8P
PNP high-voltage transistor
1999 Apr 27
logo
Zetex Semiconductors
MPSA92 ZETEX-MPSA92 Datasheet
45Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Siemens Semiconductor G...
MPSA92 SIEMENS-MPSA92 Datasheet
128Kb / 4P
PNP Silicon High-Voltage Transistors
logo
Fairchild Semiconductor
MPSA92 FAIRCHILD-MPSA92 Datasheet
655Kb / 14P
PNP High Voltage Amplifier
More results

Similar Description - MPSA92

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
High Voltage Transistors
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
High Voltage Transistors
September, 2010 -- Rev. 7
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
High Voltage Transistors
July, 2012 ??Rev. 12
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
High Voltage Transistors
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com