Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA92 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPSA92
Description  High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA92 Datasheet(HTML) 1 Page - Motorola, Inc

  MPSA92 Datasheet HTML 1Page - Motorola, Inc MPSA92 Datasheet HTML 2Page - Motorola, Inc MPSA92 Datasheet HTML 3Page - Motorola, Inc MPSA92 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
MPSA92
MPSA93
Unit
Collector – Emitter Voltage
VCEO
–300
–200
Vdc
Collector – Base Voltage
VCBO
–300
–200
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = –1.0 mAdc, IB = 0)
MPSA92
MPSA93
V(BR)CEO
–300
–200
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mAdc, IE = 0)
MPSA92
MPSA93
V(BR)CBO
–300
–200
Vdc
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
V(BR)EBO
–5.0
Vdc
Collector Cutoff Current
(VCB = –200 Vdc, IE = 0)
MPSA92
(VCB = –160 Vdc, IE = 0)
MPSA93
ICBO
–0.25
–0.25
µAdc
Emitter Cutoff Current
(VEB = –3.0 Vdc, IC = 0)
IEBO
–0.1
µAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPSA92/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPSA92
MPSA93
*Motorola Preferred Device
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
*
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPSA92

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
logo
NXP Semiconductors
MPSA92 PHILIPS-MPSA92 Datasheet
41Kb / 8P
   PNP high-voltage transistor
1999 Apr 27
logo
TRANSYS Electronics Lim...
MPSA92 TEL-MPSA92 Datasheet
82Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - MPSA92

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com