| Electronic Components Datasheet Search |
|
T0XCS Datasheet(PDF) 136 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
T0XCS Datasheet(HTML) 136 Page - Microchip Technology |
|
136 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 136 2010-2012 Microchip Technology Inc. 12.7 PORTC Registers PORTC is an 8-bit wide, bidirectional port. The corresponding data direction register is TRISC (Register 12-11). Setting a TRISC bit (= 1) will make the corresponding PORTC pin an input (i.e., put the corresponding output driver in a High-Impedance mode). Clearing a TRISC bit (= 0) will make the corresponding PORTC pin an output (i.e., enable the output driver and put the contents of the output latch on the selected pin). Example 12-1 shows how to initialize an I/O port. Reading the PORTC register (Register 12-10) reads the status of the pins, whereas writing to it will write to the PORT latch. All write operations are read-modify-write operations. Therefore, a write to a port implies that the port pins are read, this value is modified and then written to the PORT data latch (LATC). The TRISC register (Register 12-11) controls the PORTC pin output drivers, even when they are being used as analog inputs. The user should ensure the bits in the TRISC register are maintained set when using them as analog inputs. I/O pins configured as analog inputs always read ‘0’. 12.7.1 PORTC FUNCTIONS AND OUTPUT PRIORITIES Each PORTC pin is multiplexed with other functions. The pins, their combined functions and their output priorities are shown in Table 12-7. When multiple outputs are enabled, the actual pin control goes to the peripheral with the highest priority. Analog input and some digital input functions are not included in the list below. These input functions can remain active when the pin is configured as an output. Certain digital input functions override other port functions and are included in the priority list. TABLE 12-7: PORTC OUTPUT PRIORITY Pin Name Function Priority(1) RC0 T1OSO (Timer1 Oscillator) SEG40 (ICD) RC0 RC1 T1OSI (Timer1 Oscillator) CCP2(2)/P2A(2) SEG32 (ICD) RC1 RC2 SEG13 (LCD) CCP1/P1A RC2 RC3 SEG17 (LCD) SCL1 (MSSP1) SCK1 (MSSP1) RC3 RC4 SEG16 (LCD) SDA1 (MSSP1) RC4 RC5 SEG12 (LCD) SDO1 (MSSP1) RC5 RC6 SEG27 (LCD) TX1 (EUSART1) CK2 (EUSART1) RC6 RC7 SEG28 (LCD) DT1 (EUSART1) RC7 Note 1: Priority listed from highest to lowest. 2: Default pin (see APFCON register). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |