Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845BDR2G Datasheet(PDF) 14 Page - ON Semiconductor

Part # UC3845BDR2G
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BDR2G Datasheet(HTML) 14 Page - ON Semiconductor

Back Button UC3845BDR2G Datasheet HTML 10Page - ON Semiconductor UC3845BDR2G Datasheet HTML 11Page - ON Semiconductor UC3845BDR2G Datasheet HTML 12Page - ON Semiconductor UC3845BDR2G Datasheet HTML 13Page - ON Semiconductor UC3845BDR2G Datasheet HTML 14Page - ON Semiconductor UC3845BDR2G Datasheet HTML 15Page - ON Semiconductor UC3845BDR2G Datasheet HTML 16Page - ON Semiconductor UC3845BDR2G Datasheet HTML 17Page - ON Semiconductor UC3845BDR2G Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
14
Osc
+
-
Reference
Regulator
+
-
34V
S
R
Q
Internal
Bias
+
0.5mA
Osc
R
R
R
2R
Error
Amplifier
1.0V
7(12)
7(11)
6(10)
5(8)
3(5)
R1
Vin = 15V
1(1)
2(3)
4(7)
8(14)
10k
1.0nF
The capacitor's equivalent series resistance must limit the Drive Output current to 1.0 A. An additional series resistor
may be required when using tantalum or other low ESR capacitors. The converter's output can provide excellent line
and load regulation by connecting the R2/R1 resistor divider as shown.
Figure 31. Step−Up Charge Pump Converter
5(9)
PWM
T
Latch
Current Sense
Comparator
2.5V
3.6V
VCC
UVLO
Vref
UVLO
UC3845B
+
47
1N5819
15
10
1N5819
+
47
R2
Connect to
Pin 2 for
closed loop
operation.
R2
R1
) 1
VO 2 (Vin)
Output Load Regulation
(Open Loop Configuration)
IO (mA)
VO (V)
0
2
9
18
36
29.9
28.8
28.3
27.4
24.4
+
-
+
-
S
R
+
R
R
R
2R
5(9)
PWM
T
Latch
Current Sense
Comparator
+
47
15
10
1N5819
+
47
Reference
Regulator
34V
Q
Internal
Bias
0.5mA
Error
Amplifier
1.0V
7(12)
7(11)
6(10)
5(8)
3(5)
Vin = 15V
1(1)
2(3)
4(7)
8(14)
10k
1.0nF
The capacitor's equivalent series resistance must limit the Drive Output current to 1.0 A.
An additional series resistor may be required when using tantalum or other low ESR capacitors.
Figure 32. Voltage−Inverting Charge Pump Converter
2.5V
3.6V
VCC
UVLO
Vref
UVLO
UC3845B
VO -Vin
Output Load Regulation
IO (mA)
VO (V)
0
2
9
18
32
−14.4
−13.2
−12.5
−11.7
−10.6
1N5819
+
VO = 2.5


Similar Part No. - UC3845BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3845BDR2 ONSEMI-UC3845BDR2 Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
More results

Similar Description - UC3845BDR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com