Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844BDG Datasheet(PDF) 13 Page - ON Semiconductor

Part # UC3844BDG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844BDG Datasheet(HTML) 13 Page - ON Semiconductor

Back Button UC3844BDG Datasheet HTML 9Page - ON Semiconductor UC3844BDG Datasheet HTML 10Page - ON Semiconductor UC3844BDG Datasheet HTML 11Page - ON Semiconductor UC3844BDG Datasheet HTML 12Page - ON Semiconductor UC3844BDG Datasheet HTML 13Page - ON Semiconductor UC3844BDG Datasheet HTML 14Page - ON Semiconductor UC3844BDG Datasheet HTML 15Page - ON Semiconductor UC3844BDG Datasheet HTML 16Page - ON Semiconductor UC3844BDG Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
13
MUR110
+
-
+
-
S
R
+
R
R
5.0V Ref
Q
Bias
EA
5(9)
7(11)
6(10)
5(8)
3(5)
0.5
MTP
4N50
1(1)
2(3)
4(7)
8(14)
33k
1.0nF
470pF
150k
100
pF
18k
4.7k
Figure 30. 7 W Off−Line Flyback Regulator
0.01
100
+
1.0k
115 Vac
4.7
W
MDA
202
250
56k
4.7k
3300
pF
1N4935
1N4935
+
+
68
47
1N4937
1N4937
680pF 2.7k
L3
L2
L1
++
++
++
1000
1000
2200
10
10
1000
5.0V/4.0A
5.0V RTN
12V/0.3A
±12V RTN
-12V/0.3A
Primary: 45 Turns #26 AWG
Secondary
±12 V: 9 Turns #30 AWG (2 Strands) Bifiliar Wound
Secondary 5.0 V: 4 Turns (six strands) #26 Hexfiliar Wound
Secondary Feedback: 10 Turns #30 AWG (2 strands) Bifiliar Wound
Core: Ferroxcube EC35-3C8
Bobbin: Ferroxcube EC35PCB1
Gap:
≈ 0.10" for a primary inductance of 1.0 mH
MUR110
MBR1635
T1
22
Osc
T1 -
7(12)
Comp/Latch
T
L1
L2, L3
- 15
mH at 5.0 A, Coilcraft Z7156
- 25
mH at 5.0 A, Coilcraft Z7157
1N5819
Test
Conditions
Results
Line Regulation: 5.0 V
±12 V
Vin = 95 Vac to 130 Vac
D = 50 mV or ±0.5%
D = 24 mV or ±0.1%
Load Regulation: 5.0 V
±12 V
Vin = 115 Vac, Iout = 1.0 A to 4.0 A
Vin = 115 Vac, Iout = 100 mA to 300 mA
D = 300 mV or ±3.0%
D = 60 mV or ±0.25%
Output Ripple:
5.0 V
±12 V
Vin = 115 Vac
40 mVpp
80 mVpp
Efficiency
Vin = 115 Vac
70%
All outputs are at nominal load currents unless otherwise noted.


Similar Part No. - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3844BD ONSEMI-UC3844BD Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD STMICROELECTRONICS-UC3844BD Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3844BD1 ONSEMI-UC3844BD1 Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com