Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844BDG Datasheet(PDF) 12 Page - ON Semiconductor

Part # UC3844BDG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844BDG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button UC3844BDG Datasheet HTML 8Page - ON Semiconductor UC3844BDG Datasheet HTML 9Page - ON Semiconductor UC3844BDG Datasheet HTML 10Page - ON Semiconductor UC3844BDG Datasheet HTML 11Page - ON Semiconductor UC3844BDG Datasheet HTML 12Page - ON Semiconductor UC3844BDG Datasheet HTML 13Page - ON Semiconductor UC3844BDG Datasheet HTML 14Page - ON Semiconductor UC3844BDG Datasheet HTML 15Page - ON Semiconductor UC3844BDG Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
12
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Rp
From VO
Error Amp compensation circuit for stabilizing current mode boost
and flyback topologies operating with continuous inductor current.
Cp
Ri
Figure 27. Isolated MOSFET Drive
Figure 28. Latched Shutdown
Figure 29. Error Amplifier Compensation
+
-
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
Isolation
Boundary
VGS Waveforms
+
-
0
50% DC
25% DC
NS
Np
Bias
+
Osc
R
R
R
2R
EA
5(9)
1(1)
2(3)
4(7)
8(14)
The MCR101 SCR must be selected for a holding of < 0.5 mA @ TA(min). The
simple two transistor circuit can be used in place of the SCR as shown. All
resistors are 10 k.
MCR
101
2N
3905
2N
3903
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Ri
From VO
Error Amp compensation circuit for stabilizing any current mode topology except
for boost and flyback converters operating with continuous inductor current.
Rf ≥ 8.8k
Comp/Latch
7(12)
R
C
NS
NP
1.0 mA
T
+
-
0
+
-
Ipk =
V(Pin 1) - 1.4
3 RS


Similar Part No. - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3844BD ONSEMI-UC3844BD Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD STMICROELECTRONICS-UC3844BD Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3844BD1 ONSEMI-UC3844BD1 Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com