Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844BDG Datasheet(PDF) 10 Page - ON Semiconductor

Part # UC3844BDG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844BDG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button UC3844BDG Datasheet HTML 6Page - ON Semiconductor UC3844BDG Datasheet HTML 7Page - ON Semiconductor UC3844BDG Datasheet HTML 8Page - ON Semiconductor UC3844BDG Datasheet HTML 9Page - ON Semiconductor UC3844BDG Datasheet HTML 10Page - ON Semiconductor UC3844BDG Datasheet HTML 11Page - ON Semiconductor UC3844BDG Datasheet HTML 12Page - ON Semiconductor UC3844BDG Datasheet HTML 13Page - ON Semiconductor UC3844BDG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
10
If: SENSEFET = MTP10N10M
RS = 200
Figure 20. Adjustable Reduction of Clamp Level
Figure 21. Soft−Start Circuit
Figure 22. Adjustable Buffered Reduction of
Clamp Level with Soft−Start
+
-
5.0V Ref
+
-
S
R
Q
Bias
+
Osc
R
R
R
2R
EA
1.0V
5(9)
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
R1
VClamp
R2
Ipk(max) [
VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
5.0V Ref
+
-
S
R
Q
Bias
+
1.0mA
Osc
R
R
R
2R
EA
1.0V
5(9)
1(1)
2(3)
4(7)
8(14)
C
1.0M
tSoft-Start ≈ 3600C in mF
+
-
+
-
S
R
+
R
R
R
2R
Ipk(max) [
VClamp
RS
Figure 23. Current Sensing Power MOSFET
5.0V Ref
Q
Bias
Osc
EA
1.0V
5(9)
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
R1
R2
Where: 0
≤ VClamp ≤ 1.0 V
MPSA63
+
-
5.0V Ref
+
-
S
R
Q
(11)
(10)
(8)
Comp/Latch
(5)
RS
1/4 W
VCC
Vin
K
M
D
SENSEFET
G
S
Power Ground:
To Input Source
Return
Control Circuitry Ground:
To Pin (9)
Virtually lossless current sensing can be achieved with the implementation
of a SENSEFET
t power switch. For proper operation during over-current
conditions, a reduction of the Ipk(max) clamp level must be implemented.
Refer to Figures 20 and 22.
VPin 5 [
RS Ipk rDS(on)
rDM(on) ) RS
Then : VPin 5 [ 0.075 Ipk
7(12)
7(12)
1.0 mA
Comp/Latch
Comp/Latch
1.0 mA
(12)
T
T
T
T
VClamp
VClamp
1.67
R2
R1
) 1
+ 0.33x10-3
R1R2
R1 ) R2
VClamp
1.67
R2
R1
) 1
tSoftStart +* In 1 *
VC
3VClamp
C
R1 R2
R1 ) R2


Similar Part No. - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3844BD ONSEMI-UC3844BD Datasheet
433Kb / 20P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD STMICROELECTRONICS-UC3844BD Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3844BD1 ONSEMI-UC3844BD1 Datasheet
433Kb / 20P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com