Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3844BDG Datasheet(PDF) 1 Page - ON Semiconductor

Part # UC3844BDG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3844BDG Datasheet(HTML) 1 Page - ON Semiconductor

  UC3844BDG Datasheet HTML 1Page - ON Semiconductor UC3844BDG Datasheet HTML 2Page - ON Semiconductor UC3844BDG Datasheet HTML 3Page - ON Semiconductor UC3844BDG Datasheet HTML 4Page - ON Semiconductor UC3844BDG Datasheet HTML 5Page - ON Semiconductor UC3844BDG Datasheet HTML 6Page - ON Semiconductor UC3844BDG Datasheet HTML 7Page - ON Semiconductor UC3844BDG Datasheet HTML 8Page - ON Semiconductor UC3844BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2012
December, 2012 − Rev. 11
1
Publication Order Number:
UC3844B/D
UC3844B, UC3845B,
UC2844B, UC2845B
High Performance
Current Mode Controllers
The UC3844B, UC3845B series are high performance fixed frequency
current mode controllers. They are specifically designed for Off−Line
and dc−dc converter applications offering the designer a cost−effective
solution with minimal external components. These integrated circuits
feature an oscillator, a temperature compensated reference, high gain
error amplifier, current sensing comparator, and a high current totem pole
output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, a latch for single pulse metering, and a flip−flop
which blanks the output off every other oscillator cycle, allowing
output deadtimes to be programmed from 50% to 70%.
These devices are available in an 8−pin dual−in−line and surface
mount (SOIC−8) plastic package as well as the 14−pin plastic surface
mount (SOIC−14). The SOIC−14 package has separate power and
ground pins for the totem pole output stage.
The UCX844B has UVLO thresholds of 16V (on) and 10V (off), ideally
suited for off−line converters. The UCX845B is tailored for lower voltage
applications having UVLO thresholds of 8.5V (on) and 7.6V (off).
Features
Trimmed Oscillator for Precise Frequency Control
Oscillator Frequency Guaranteed at 250 kHz
Current Mode Operation to 500 kHz Output Switching Frequency
Output Deadtime Adjustable from 50% to 70%
Automatic Feed Forward Compensation
Latching PWM for Cycle−By−Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
These Devices are Pb−Free and are RoHS Compliant
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Pin numbers in parenthesis are for the D suffix SOIC-14 package.
Output
VC
RT/CT
Vref
VCC
Undervoltage
Lockout
GND
5.0V
Reference
Vref
Undervoltage
Lockout
Latching
PWM
Oscillator
Error
Amplifier
5(9)
3(5)
5(8)
6(10)
7(11)
Power
Ground
Current
Sense Input
1(1)
2(3)
4(7)
8(14)
Output/
Compensation
Voltage
Feedback
Input
VCC
7(12)
R
R
Figure 1. Simplified Block Diagram
14
SOIC−14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 16 of this data sheet.
DEVICE MARKING INFORMATION
1
8
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
Vref
NC
VCC
VC
Output
GND
Power Ground
VCC
Output
GN
D
(Top View)
8
7
6
5
1
2
3
4
1
2
3
4
14
13
12
11
5
6
7
10
9
8
(Top View)
SOIC−8
D1 SUFFIX
CASE 751
1
8
http://onsemi.com


Similar Part No. - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3844BD ONSEMI-UC3844BD Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD STMICROELECTRONICS-UC3844BD Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3844BD1 ONSEMI-UC3844BD1 Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
logo
STMicroelectronics
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1 STMICROELECTRONICS-UC3844BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3844BDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com