Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3030602 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 3030602
Description  WE-LT Conductive Shielding Gasket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

3030602 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  3030602 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 3030602 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 3030602 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.1
4.0
3.0
REV
2013-04-24
2013-01-17
2011-08-22
DATE
SSt
SSt
WJ
BY
SSt
WJ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-LT Conductive Shielding Gasket
Order.- No.
3030602
SIZE
A4
Size: D-Profile
A Dimensions: [mm]
Material
Metallized Fiber
Polyether Urethane Foam
Rayon Paper with acrylic Adhesive/
Aluminium foil with conductive adhesive
Reactive Polyurethane Hotmelt Adhesive
Flammability classification
UL94 HF-1
UL94 VTM-0/
none
B Surface Resistance vs. Compression:
D Electrical Properties:
Properties
Shielding effectiveness @ 100 MHz
Shielding effectiveness @ 1 GHz
Surface Resistance
Reference
based on MIL-STD-225
based on MIL-STD-225
Value
80
86
0.08
Unit
dB
dB
Ω
E General information:
•Storage Temperature: -25°C to 85°C
•Operating Temperature: -25°C to 85°C
•non-inflammable/ self extinguishing
•Test conditions of Electrical Properties: 25°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 3030602

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30306-5002HB 3M-30306-5002HB Datasheet
787Kb / 4P
   100 x 100 Straight and Right Angle, Four-Wall
logo
Littelfuse
3030630000 LITTELFUSE-3030630000 Datasheet
77Kb / 2P
   SUBMINIATURE FUSES
3030630013 LITTELFUSE-3030630013 Datasheet
77Kb / 2P
   SUBMINIATURE FUSES
3030630042 LITTELFUSE-3030630042 Datasheet
77Kb / 2P
   SUBMINIATURE FUSES
More results

Similar Description - 3030602

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3021707 WURTH-3021707 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3021302 WURTH-3021302 Datasheet
187Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3022104 WURTH-3022104 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3031008 WURTH-3031008 Datasheet
182Kb / 3P
   WE-LT Conductive Shielding Gasket
005.002
3021307 WURTH-3021307 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3021025 WURTH-3021025 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3023002 WURTH-3023002 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3021313 WURTH-3021313 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3020705 WURTH-3020705 Datasheet
182Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
3021305 WURTH-3021305 Datasheet
183Kb / 3P
   WE-LT Conductive Shielding Gasket
005.003
3021414 WURTH-3021414 Datasheet
184Kb / 3P
   WE-LT Conductive Shielding Gasket
004.003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com