Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MODEL5510 Datasheet(PDF) 1 Page - Pomona Electronics

Part # MODEL5510
Description  BNC To Banana Plug and Binding Post Adapter Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MODEL5510 Datasheet(HTML) 1 Page - Pomona Electronics

  MODEL5510 Datasheet HTML 1Page - Pomona Electronics MODEL5510 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90760
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5510_2_01.doc
Page 1 of
2
Model 5510
BNC To Banana Plug and
Binding Post Adapter Kit
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Model 1269: BNC Female To Double Stacking Banana Plug: Body: Brass, Nickel Plated, Dielectric: PTFE
Center Contact: Beryllium Copper, Gold Plated, Banana Plug - Body: Brass, Nickel Plated, Spring: Beryllium Copper,
Nickel Plated, Insulation - ABS Molded to BNC (Female) and Banana Plug Bodies, Color: Black
Marking: “1269 POMONA ELECTRONICS POMONA CALIFORNIA”, RATINGS: Operating Voltage:
Hand-held testing: 30VAC/60VDC Max., Hands free testing in controlled voltage environments: 500 VRMS Max.,
Operating Temperature: +50°C (+122°F) Max.
Model 1270: BNC (Male): Body: Brass, Nickel Plated, Dielectric: PTFE, Center Contact: Brass, Gold Plated,
Impedance: 50 Ohms, Banana Plug: Body: Brass, Nickel Plated, Spring: Beryllium Copper, Nickel Plated,
Insulation: ABS Molded to BNC (Male) and Banana Plug Bodies, Color: Black, Marking: “1270 POMONA ELECTRONICS POMONA
CALIFORNIA”, RATINGS:
Voltage: Hand-held testing: 30VAC/60VDC Max., Hands free testing in controlled voltage
environments: 500 VRMS Max. Operating Temperature: +50°C (+122°F) Max.
Model 1296: BNC (Male): Body: Brass, Nickel Plated Dielectric: PTFE, Center Contact: Brass, Gold Plated,
Impedance: 50 Ohms, Insulation: ABS Molded to BNC (Male) and Binding Post Bodies, Color: Black,
Marking: “1296 POMONA ELECTRONICS POMONA CALIFORNIA”, Binding Post: Body – Brass, Nickel
Plated, Insulated Thumb Knob – Polycarbonate, Color: One Black, One Red, RATINGS: Operating Voltage: Hand-
held testing: 30VAC/60VDC Max., Hands free testing in controlled voltage environments: 500 VRMS Max., Operating
Temperature: +50°C (+122°F) Max.


Similar Part No. - MODEL5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
   7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
Revision: 10-Jul-07
More results

Similar Description - MODEL5510

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5510 POMONA-5510 Datasheet
28Kb / 2P
   BNC To Banana Plug and Binding Post Adapter Kit
2894 POMONA-2894 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
3430 POMONA-3430 Datasheet
25Kb / 1P
   Adapter - Binding Post To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
   Adapter ??Binding Post To BNC Male
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
   Adapter-BNC Male to Double Binding Post
logo
Pomona Electronics
1469 POMONA-1469 Datasheet
34Kb / 1P
   Adapter - Binding Post To BNC Male, Four Terminal Isolation
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
   Adapter ??Binding Post To BNC Male, Four Terminal Isolation
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
logo
NTE Electronics
81-BP1R NTE-81-BP1R Datasheet
1Mb / 4P
   Binding Post with 4mm Banana Socket
logo
3M Electronics
5165-0 3M-5165-0 Datasheet
26Kb / 1P
   Encapsulated Double Banana Plug Shorting Bar With Binding Post
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com