Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MODEL3430 Datasheet(PDF) 1 Page - Pomona Electronics

Part # MODEL3430
Description  Adapter ??Binding Post To BNC Male
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MODEL3430 Datasheet(HTML) 1 Page - Pomona Electronics

  MODEL3430 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90575 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3430_1_01.doc
Page 1 of
1
Model 3430
Adapter – Binding Post To
BNC Male
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits single banana plug to be used with equipment having a BNC female.
MATERIALS:
Upper Conn: Insulated Binding Post
Material: Binding Post Body – Brass per QQ-B-626, Allow 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
Insulation: Polycarbonate.
Color: See Ordering Information.
Lower Conn.: BNC Male
Finish: Body and fittings – Tarnish Resistant.
Nominal Impedance: 50 Ohms.
RATINGS:
Operating Temp.: +115º C. (+239º F.) Max.
Operating Voltage: Hand-held Testing: 30VAC/60VDC Max.
Hands free Testing in Controlled Voltage Environments: 500 VRMS Max.
ORDERING INFORMATION: Model 3430-*
* = Color, -0 Black, -2 Red
Ordering Example: 3430-2 Color is Red


Similar Part No. - MODEL3430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
   2 (50.8 mm) Single Turn Wirewound recision Potentiometer
Revision: 28-Jun-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
   2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 22-Mar-07
logo
Pomona Electronics
MODEL3269 POMONA-MODEL3269 Datasheet
32Kb / 1P
   Adapter ??BNC Female To Miniature Double Banana Plug
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
logo
TT Electronics.
MODEL35 TTELEC-MODEL35 Datasheet
564Kb / 3P
   OPEN TYPE TRIMMER
More results

Similar Description - MODEL3430

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3430 POMONA-3430 Datasheet
25Kb / 1P
   Adapter - Binding Post To BNC Male
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
   Adapter-BNC Male to Double Binding Post
logo
Pomona Electronics
1469 POMONA-1469 Datasheet
34Kb / 1P
   Adapter - Binding Post To BNC Male, Four Terminal Isolation
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
   Adapter ??Binding Post To BNC Male, Four Terminal Isolation
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
logo
Pomona Electronics
MODEL1296 POMONA-MODEL1296 Datasheet
33Kb / 1P
   BNC (Male) To Double Stacking Binding Post Jack
MODEL5510 POMONA-MODEL5510 Datasheet
28Kb / 2P
   BNC To Banana Plug and Binding Post Adapter Kit
3296 POMONA-3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
   Adapter, Miniature Binding Posts To BNC Male
1296 POMONA-1296 Datasheet
33Kb / 1P
   BNC (Male) To Double Stacking Binding Post Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com