Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MODEL1469 Datasheet(PDF) 1 Page - Pomona Electronics

Part # MODEL1469
Description  Adapter ??Binding Post To BNC Male, Four Terminal Isolation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MODEL1469 Datasheet(HTML) 1 Page - Pomona Electronics

  MODEL1469 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
4/15/02 SY/EH/LS
PomonaACCESS 90547 (800) 444-6785 or (909) 469-2991
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d1469_1_02.doc
Page 1 of 1
Model 1469
Adapter – Binding Post To BNC
Male, Four Terminal Isolation
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FEATURES:
• Permits single or double banana plugs to be
used with equipment having BNC female
• Provides isolation for a four terminal network
• Binding posts facilitate connections of test leads
or additional components
• Bright tin plated solder turret terminals provide
permanent noise-free connections
MATERIALS:
Upper Conn: Binding Posts, Insulated
Material: Binding Post Body – Brass per QQ-
B-626, Alloy 360, ½ Hard
Finish: Nickel plated per QQ-N-290, Class 2,
200/300 microinches
Insulation: Polycarbonate
Color: One red, one black
Insulation: Polypropylene molded to binding
posts and BNC Male, Color: Black
Lower Conn: BNC Male
Finish: Body and Fittings – Tarnish resistant
Nominal Impedance: 50 Ohms
Center Contact – Gold plated per requirements of
MIL-C-39012
Terminals:
Material: Brass per QQ-B-626, Alloy 360, ½
Hard
Finish: Bright tin plated per MIL-T-10727 Type I,
100/250 microinches
RATINGS:
Operating Temperature: +55º C. (+131º F.) Max.
Operating Voltage: Hand-held Testing:
30VAC/60VDC Max. Hands Free Testing in
Controlled Voltage Environments: 500 VRMS Max.
ORDERING INFORMATION: Model 1469
Marking: “1469 POMONA”


Similar Part No. - MODEL1469

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
MODEL1468 POMONA-MODEL1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
More results

Similar Description - MODEL1469

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1296 POMONA-1296 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Binding Post Jack
1469 POMONA-1469 Datasheet
34Kb / 1P
Adapter - Binding Post To BNC Male, Four Terminal Isolation
3296 POMONA-3296 Datasheet
24Kb / 2P
Adapter, Miniature Binding Posts To BNC Male
3430 POMONA-3430 Datasheet
25Kb / 1P
Adapter - Binding Post To BNC Male
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
Double Binding Post to 50 Ohm BNC Male Adapter
logo
Pomona Electronics
MODEL1296 POMONA-MODEL1296 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Binding Post Jack
MODEL3296 POMONA-MODEL3296 Datasheet
24Kb / 2P
Adapter, Miniature Binding Posts To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
Adapter ??Binding Post To BNC Male
MODEL5510 POMONA-MODEL5510 Datasheet
28Kb / 2P
BNC To Banana Plug and Binding Post Adapter Kit
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
Adapter-BNC Male to Double Binding Post
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com